Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8587X Datasheet (PDF) - Microsemi Corporation

LX8587X Datasheet PDF - Microsemi Corporation
Part # LX8587X
Download  LX8587X Download
File Size   283.64 Kbytes
Page   11 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3A Low Dropout Positive Regulators

LX8587X Datasheet (PDF)

Go To PDF Page Download Datasheet
LX8587X Datasheet PDF - Microsemi Corporation

Part # LX8587X
Download  LX8587X Click to download

File Size   283.64 Kbytes
Page   11 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3A Low Dropout Positive Regulators

LX8587X Datasheet (HTML) - Microsemi Corporation


LX8587X Product details

DESCRIPTION

The LX8587/87A Series ICs are positive regulators designed to provide 3A output current. Pentium® Processor and Power PC™ applications requiring fast transient response are ideally suited for this product family.

The LX8587A is guaranteed to have <1.2 dropout at 3A and the LX8587 < 1.3V at the same current, making them ideal to provide well-regulated outputs of 2.5V to 3.6V using a 5V input supply. Fixed versions are also available and specified in the Available Options table below.



KEY FEATURES

Three-Terminal Adjustable Or Fixed Output

Guaranteed  ≤ 1.2V Headroom At 3A (LX8587A)

Guaranteed < 1.3V Headroom At 3A (LX8587)

Output Current of 3A Fast Transient Response

1% Voltage Reference Initial Accuracy

Output Short Circuit Protection

Built-In Thermal Shutdown




Similar Part No. - LX8587X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
3A Low Dropout Positive Regulators
More results


Similar Description - LX8587X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Microsemi Corporation
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
LM1085 3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
3A Low Dropout Positive Regulators
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
3A Low Dropout Positive Regulators
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com