Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8385-00CDD Datasheet (PDF) - Microsemi Corporation

LX8385-00CDD Datasheet PDF - Microsemi Corporation
Part # LX8385-00CDD
Download  LX8385-00CDD Download
File Size   285.71 Kbytes
Page   11 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3A Low Dropout Positive Regulators

LX8385-00CDD Datasheet (PDF)

Go To PDF Page Download Datasheet
LX8385-00CDD Datasheet PDF - Microsemi Corporation

Part # LX8385-00CDD
Download  LX8385-00CDD Click to download

File Size   285.71 Kbytes
Page   11 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3A Low Dropout Positive Regulators

LX8385-00CDD Datasheet (HTML) - Microsemi Corporation


LX8385-00CDD Product details

DESCRIPTION
The LX8385/85A/85B Series ICs are positive regulators designed to provide 3A output current. These regulators yield higher efficiency than currently available devices with all internal circuitry designed to operate down to a 1V input-to-output differential. In each of these products, the dropout voltage is fully specified as a function of load current. Dropout is guaranteed at a maximum of 1.3V (8385A/B) and 1.5V (8385) at maximum output current, decreasing at lower load currents.

KEY FEATURES
• Three-Terminal Adjustable Or Fixed Output
• Guaranteed 1% Voltage Reference Accuracy Over Line, Load, And Temperature (LX8385B)
• Guaranteed < 1.5V Headroom At 3A (LX8385)
• Guaranteed < 1.3V Headroom At 3A (LX8385A/8385B)
• 0.015% Line Regulation
• 0.15% Load Regulation

APPLICATIONS
• High Efficiency Linear Regulators
• Post Regulators For Switching Power Supplies
• Battery Chargers
• Constant Current Regulators
• Graphics & Standard Supplies
• Processor I/O Supply
• Low Voltage Memory & Chipset Supplies




Similar Part No. - LX8385-00CDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8385-00CD MICROSEMI-LX8385-00CD Datasheet
233Kb / 8P
3 A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LX8385-00CD ETC1-LX8385-00CD Datasheet
233Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
More results


Similar Description - LX8385-00CDD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Microsemi Corporation
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
LM1085 3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
3A Low Dropout Positive Regulators
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
3A Low Dropout Positive Regulators
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com