Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25L40PT-F Datasheet (PDF) - AMIC Technology

A25L40PT-F Datasheet PDF - AMIC Technology
Part # A25L40PT-F
Download  A25L40PT-F Download
File Size   473.87 Kbytes
Page   38 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface

A25L40PT-F Datasheet (PDF)

Go To PDF Page Download Datasheet
A25L40PT-F Datasheet PDF - AMIC Technology

Part # A25L40PT-F
Download  A25L40PT-F Click to download

File Size   473.87 Kbytes
Page   38 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface

A25L40PT-F Datasheet (HTML) - AMIC Technology


A25L40PT-F Product details

GENERAL DESCRIPTION
The A25L40P is a 4 Mbit (512K x 8) Serial Flash Memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus.
The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.
The memory is organized as 8 sectors, each containing 256 pages. Each page is 256 bytes wide. Thus, the whole memory can be viewed as consisting of 2048 pages, or 524,288 bytes. The whole memory can be erased using the Bulk Erase instruction, or a sector at a time, using the Sector Erase instruction.

FEATURES
■ 4 Mbit of Flash Memory
■ Flexible Sector Architecture (4/4/8/16/32)KB/64x7 KB
■ Bulk Erase (4 Mbit) in 6s (typical)
■ Sector Erase (512 Kbit) in 1s (typical)
■ Page Program (up to 256 Bytes) in 3ms (typical)
■ 2.7 to 3.6V Single Supply Voltage
■ SPI Bus Compatible Serial Interface
■ 85MHz Clock Rate (maximum)
■ Deep Power-down Mode 1µA (typical)
■ Top or Bottom boot block configuration available
■ Electronic Signatures
    - JEDEC Standard two-Byte Signature (2013h)
    - RES Instruction, One-Byte, Signature (12h), for backward compatibility
■ Package options
    - 8-pin SOP (150mil or 209mil), 16-pin SOP, 8-pin DIP (300mil) or 8-pin QFN
    - All Pb-free (Lead-free) products are RoHS compliant




Similar Part No. - A25L40PT-F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L40PMF-50 AMICC-A25L40PMF-50 Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50F AMICC-A25L40PMF-50F Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50U AMICC-A25L40PMF-50U Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMF-50UF AMICC-A25L40PMF-50UF Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
A25L40PMW-50 AMICC-A25L40PMW-50 Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results


Similar Description - A25L40PT-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40 Datasheet
262Kb / 40P
4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Aug-2004
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Aug-2004
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
01-Oct-2004
M25P20 STMICROELECTRONICS-M25P20 Datasheet
395Kb / 50P
2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Jun-2006
M25P64 STMICROELECTRONICS-M25P64_07 Datasheet
375Kb / 49P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
19-Jan-2007
M25P10-A STMICROELECTRONICS-M25P10-A_06 Datasheet
392Kb / 49P
1 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
05-Jun-2006
logo
AMIC Technology
A25L20P AMICC-A25L20P Datasheet
544Kb / 43P
2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
26-Jun-2007
logo
Numonyx B.V
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com