Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2672 Datasheet (PDF) - Analog Devices

LTC2672 Datasheet PDF - Analog Devices
Part # LTC2672
Download  LTC2672 Download
File Size   1139.92 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Five-Channel, Low Dropout, 300 mA, Current Source Output, 12-/16-Bit SoftSpan DAC

LTC2672 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2672 Datasheet PDF - Analog Devices

Part # LTC2672
Download  LTC2672 Click to download

File Size   1139.92 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Five-Channel, Low Dropout, 300 mA, Current Source Output, 12-/16-Bit SoftSpan DAC

LTC2672 Datasheet (HTML) - Analog Devices


LTC2672 Product details

FEATURES
► Per channel programmable output current ranges: 300 mA, 200
mA, 100 mA, 50 mA, 25 mA, 12.5 mA, 6.25 mA, and 3.125 mA
► Flexible 2.1 V to VCC output supply voltages
► Flexible single- or dual-supply operation
► 0.6 V maximum dropout voltage guaranteed
► Separate voltage supply per output channel
► Internal switches to optional negative supply
► Full 12-bit and 16-bit resolution at all ranges
► Guaranteed operation −40°C to 125°C (H-grade)
► Precision internal reference or external reference
► Internal VREF temperature coefficient of 10 ppm/°C maximum
(LFCSP) or 2.4 ppm/°C nominal (WLCSP)
► Analog multiplexer monitors voltages and currents
► A/B toggle via SPI or dedicated pin
► 1.71 V to VCC digital input and output supply voltage
► 32-lead lead frame chip scale package (LFCSP)
► 36-ball wafer level chip scale package (WLCSP)
APPLICATIONS
► Tunable lasers
► Semiconductor optical amplifier biasing
► Resistive heaters
► Current mode biasing




Similar Part No. - LTC2672

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC2672 AD-LTC2672 Datasheet
541Kb / 26P
Five-Channel, Low Dropout, 300 mA, Current Source Output, 16-Bit SoftSpan DAC
12/2020-Revision 0
LTC2672CUH-16 AD-LTC2672CUH-16 Datasheet
541Kb / 26P
Five-Channel, Low Dropout, 300 mA, Current Source Output, 16-Bit SoftSpan DAC
12/2020-Revision 0
LTC2672HUH-16 AD-LTC2672HUH-16 Datasheet
541Kb / 26P
Five-Channel, Low Dropout, 300 mA, Current Source Output, 16-Bit SoftSpan DAC
12/2020-Revision 0
LTC2672IUH-16 AD-LTC2672IUH-16 Datasheet
541Kb / 26P
Five-Channel, Low Dropout, 300 mA, Current Source Output, 16-Bit SoftSpan DAC
12/2020-Revision 0
More results


Similar Description - LTC2672

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
326Kb / 37P
Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrE
AD5420 AD-AD5420 Datasheet
276Kb / 29P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5412 AD-AD5412 Datasheet
334Kb / 38P
Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
logo
Linear Technology
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
logo
Analog Devices
LTC2662 AD-LTC2662 Datasheet
1,022Kb / 28P
Five-Channel Current-Source- Output 16-Bit SoftSpan DACs
LTC2672 AD-LTC2672 Datasheet
541Kb / 26P
Five-Channel, Low Dropout, 300 mA, Current Source Output, 16-Bit SoftSpan DAC
12/2020-Revision 0
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
DC2873A AD-DC2873A Datasheet
1Mb / 12P
Evaluating the LTC2688 16-Channel, 16-Bit Voltage Output SoftSpan DAC
6/2021-Revision 0
LTC2686 AD-LTC2686 Datasheet
2Mb / 43P
8-Channel, 16-Bit Voltage Output SoftSpan DAC
11/2021-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com