Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5422 Datasheet (PDF) - Analog Devices

AD5422 Datasheet PDF - Analog Devices
Part # AD5422
Download  AD5422 Download
File Size   326.94 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC

AD5422 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5422 Datasheet PDF - Analog Devices

Part # AD5422
Download  AD5422 Click to download

File Size   326.94 Kbytes
Page   37 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC

AD5422 Datasheet (HTML) - Analog Devices


AD5422 Product details

GENERAL DESCRIPTION
The AD5412/AD5422 are low cost, precision, fully integrated 12-/16-bit digital-to-analog converters (DAC) offering a programmable current source and programmable voltage output designed to meet the requirements of industrial process control applications.

FEATURES
   12-/16-bit resolution and monotonicity
   Current output ranges: 4 mA to 20 mA, 0 mA to 20 mA, or
      0 mA to 24 mA
   ±0.01% FSR typical total unadjusted error (TUE)
   ±3 ppm FSR/°C output drift
   Voltage output ranges: 0 V to 5 V, 0 V to 10 V, ±5 V, or ±10 V
      10% overrange
      ±0.01% FSR typical TUE
      ±2 ppm FSR/°C output drift
   Flexible serial digital interface
   On-chip output fault detection
   On-chip reference: 10 ppm/°C maximum
   Optional regulated DVCC output
   Asynchronous clear function
   Power supply range
      AVDD: 10.8 V to 40 V
      AVSS: −26.4 V to −3 V/0 V
   Current loop compliance voltage: AVDD – 2.5 V
   Temperature range: −40°C to +105°C
   TSSOP and LFCSP packages

APPLICATIONS
   Process controls
   Actuator controls
   PLC
   HART network connectivity (LFCSP package only)




Similar Part No. - AD5422

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
276Kb / 29P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5422 AD-AD5422 Datasheet
334Kb / 38P
Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5422 AD-AD5422 Datasheet
1Mb / 40P
Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD5422 AD-AD5422 Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
AD5422 AD-AD5422 Datasheet
502Kb / 20P
Low Power HART Modem
REV. A
More results


Similar Description - AD5422

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5543 AD-AD5543 Datasheet
259Kb / 12P
Current Output/ Serial Input, 16-/14-Bit DAC
2/03-Data Sheet changed from REV. 0 to REV. A.
AD5360 AD-AD5360 Datasheet
284Kb / 25P
16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5420 AD-AD5420 Datasheet
276Kb / 29P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5412 AD-AD5412 Datasheet
334Kb / 38P
Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5412 AD-AD5412_09 Datasheet
1Mb / 40P
Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com