Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBR911LT1 Datasheet (PDF) - Advanced Power Technology

MMBR911LT1 Datasheet PDF - Advanced Power Technology
Part # MMBR911LT1
Download  MMBR911LT1 Download
File Size   148.4 Kbytes
Page   6 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR

MMBR911LT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBR911LT1 Datasheet PDF - Advanced Power Technology

Part # MMBR911LT1
Download  MMBR911LT1 Click to download

File Size   148.4 Kbytes
Page   6 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR

MMBR911LT1 Datasheet (HTML) - Advanced Power Technology


MMBR911LT1 Product details

DESCRIPTION:
Designed for low noise, wide dynamic range front–end amplifiers and low–noise VCO’s. Available in a surface–mountable plastic package. This small–signal plastic transistor offers superior quality and performance at low cost.

FEATURES:
· High Gain–Bandwidth Product
   fT = 7.0 GHz (Typ) @ 30 mA
· Low Noise Figure
   NF = 1.7 dB (Typ) @ 500 MHz
· High Gain
   GNF = 17 dB (Typ) @ 10 mA/500 MHz
· State–of–the–Art Technology
   Fine Line Geometry
   Ion–Implanted Arsenic Emitters
   Gold Top Metallization and Wires
   Silicon Nitride Passivation
· Available in tape and reel packaging options:
   T1 suffix = 3,000 units per reel




Similar Part No. - MMBR911LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR911LT1 MOTOROLA-MMBR911LT1 Datasheet
78Kb / 6P
NPN Silicon High-Frequency Transistor
More results


Similar Description - MMBR911LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
NEC
2SC2570A NEC-2SC2570A Datasheet
119Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3355 NEC-2SC3355 Datasheet
102Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
RQG1003UQAQF RENESAS-RQG1003UQAQF Datasheet
317Kb / 17P
NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1001UPAQF RENESAS-RQG1001UPAQF Datasheet
314Kb / 17P
NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
logo
NTE Electronics
NTE2662 NTE-NTE2662 Datasheet
78Kb / 2P
Silicon NPN Transistor High Frequency, Low Noise RF
logo
Renesas Technology Corp
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA801T RENESAS-UPA801T Datasheet
217Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA810T RENESAS-UPA810T Datasheet
223Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC5800 RENESAS-2SC5800 Datasheet
109Kb / 24P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE
July 2001
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com