Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP08N055TH Datasheet (PDF) - MagnaChip Semiconductor.

MDP08N055TH Datasheet PDF - MagnaChip Semiconductor.
Part # MDP08N055TH
Download  MDP08N055TH Download
File Size   1116.41 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 80V

MDP08N055TH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDP08N055TH Datasheet PDF - MagnaChip Semiconductor.

Part # MDP08N055TH
Download  MDP08N055TH Click to download

File Size   1116.41 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 80V

MDP08N055TH Datasheet (HTML) - MagnaChip Semiconductor.


MDP08N055TH Product details

General Description
The MDP08N055TH, Magnachip’s latest generation of MV
MOSFET Technology, which provides high performance in the
lowest Rds(on), fast switching performance, and excellent quality.
These devices can also be utilized in industrial applications such
as Low Power Drives of E-bike, Light electric vehicles, DC/DC
converter, and general purpose applications

Features
 VDS = 80V
 ID = 120 A @VGS = 10V
 Very low on-resistance RDS(ON)
< 5.5 mΩ @VGS = 10V
 175 oC operating temperature
 100% UIL Tested
 100% Rg Tested
 100% △VDS Tested




Similar Part No. - MDP08N055TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDP08N032TH MGCHIP-MDP08N032TH Datasheet
461Kb / 7P
Single N-channel Trench MOSFET 80V 3.23mΩ 120A
Jul. 2021. Rev. 1.2
More results


Similar Description - MDP08N055TH

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP40N08K SEMIHOW-HRP40N08K Datasheet
793Kb / 8P
80V N-Channel Trench MOSFET
HRP45N08K SEMIHOW-HRP45N08K Datasheet
923Kb / 8P
80V N-Channel Trench MOSFET
HRP56N08K SEMIHOW-HRP56N08K Datasheet
956Kb / 8P
80V N-Channel Trench MOSFET
HRP80N08K SEMIHOW-HRP80N08K Datasheet
944Kb / 8P
80V N-Channel Trench MOSFET
HRP85N08K SEMIHOW-HRP85N08K Datasheet
781Kb / 8P
80V N-Channel Trench MOSFET
HRP100N08K SEMIHOW-HRP100N08K Datasheet
889Kb / 8P
80V N-Channel Trench MOSFET
HRS45N08K SEMIHOW-HRS45N08K Datasheet
897Kb / 7P
80V N-Channel Trench MOSFET
HRS56N08K SEMIHOW-HRS56N08K Datasheet
984Kb / 7P
80V N-Channel Trench MOSFET
HRS80N08K SEMIHOW-HRS80N08K Datasheet
939Kb / 7P
80V N-Channel Trench MOSFET
HRS85N08K SEMIHOW-HRS85N08K Datasheet
854Kb / 7P
80V N-Channel Trench MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com