Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP08N032TH Datasheet (PDF) - MagnaChip Semiconductor.

MDP08N032TH Datasheet PDF - MagnaChip Semiconductor.
Part # MDP08N032TH
Download  MDP08N032TH Download
File Size   461.18 Kbytes
Page   7 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 80V 3.23mΩ 120A

MDP08N032TH Datasheet (PDF)

Go To PDF Page Download Datasheet
MDP08N032TH Datasheet PDF - MagnaChip Semiconductor.

Part # MDP08N032TH
Download  MDP08N032TH Click to download

File Size   461.18 Kbytes
Page   7 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Single N-channel Trench MOSFET 80V 3.23mΩ 120A

MDP08N032TH Datasheet (HTML) - MagnaChip Semiconductor.


MDP08N032TH Product details

General description
The MDP08N032TH uses advanced Magnachip’s MV MOSFET
Technology, which provides high performance in on-state
resistance, fast switching performance, and excellent quality.
MDP08N032TH is suitable device for Motor Drive applications
and general purpose applications.

Features and benefits
• Magnachip’s MOSFET Technology
• Very low on-resistance RDS(on)
• 100% Avalanche / Rg Tested

Applications
• Specifically for E-Bike applications
• Switching Applications
• Drives




Similar Part No. - MDP08N032TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDP08N055TH MGCHIP-MDP08N055TH Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V
Jun. 2021. Ver.1.3
More results


Similar Description - MDP08N032TH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP053N08B FAIRCHILD-FDP053N08B Datasheet
1Mb / 9P
N-Channel PowerTrench짰 MOSFET 80V, 120A, 5.3mW
logo
MagnaChip Semiconductor...
MDE1932 MGCHIP-MDE1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDE1991 MGCHIP-MDE1991 Datasheet
1,008Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 4.4m(ohm)
MDP06N033 MGCHIP-MDP06N033 Datasheet
997Kb / 6P
Single N-channel Trench MOSFET 60V, 120A, 3.3m(ohm)
MDP15N075 MGCHIP-MDP15N075 Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 150V, 120A, 7.5m(ohm)
MDP1921 MGCHIP-MDP1921 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 4.5m(ohm)
MDP1930 MGCHIP-MDP1930 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 2.5m(ohm)
MDP1932 MGCHIP-MDP1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDE10N026RH MGCHIP-MDE10N026RH Datasheet
900Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.6m(ohm)
MDE10N050 MGCHIP-MDE10N050 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 5.0m(ohm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com