Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP08N032TH Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MDP08N032TH
Description  Single N-channel Trench MOSFET 80V 3.23mΩ 120A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP08N032TH Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MDP08N032TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 6Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 7Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Magnachip Power Technology
MDP08N032TH
Source-drain diode
VDD=40 V, ID=60 A, VGS=0 to 10 V
V
VDD=40 V, ID=60 A, VGS=0 to 10 V
nC
VDD=40 V, ID=60 A, VGS=0 to 10 V
nC
24
-
VDD=40 V, ID=60 A, VGS=0 to 10 V
nC
Reverse recovery charge
Qrr
-
304
-
IF=60 A, diF/dt=100 A/μs
nC
Reverse recovery time
trr
-
111
-
IF=60 A, diF/dt=100 A/μs
ns
Diode forward voltage
VSD
-
0.9
1.2
VGS=0 V, IF=60 A
V
Diode pulse current
IS,pulse
-
-
480
A
pulsed; tp ≤
10 μs
Parameter
Symbol
Min.
Typ.
Max.
Diode continuous forward current
IS
-
-
120
A
-
Conditions / Note
Unit
-
22
-
Gate to source charge
Qgs
-
30
-
VDD=40 V, VGS=10 V, ID=60 A, RG,ext=3Ω
ns
VDD=40 V, ID=60 A, VGS=0 to 10 V
nC
Gate charge characteristics
Parameter
Symbol
Min.
Typ.
Max.
Conditions / Note
Unit
nC
VDD=40 V, ID=60 A, VGS=0 to 10 V
Gate charge at threshold
Qgs(th)
Turn-off delay time
td(off)
-
81
-
VDD=40 V, VGS=10 V, ID=60 A, RG,ext=3Ω
ns
Fall time
tf
-
30
-
Rise time
tr
-
17
-
VDD=40 V, VGS=10 V, ID=60 A, RG,ext=3Ω
ns
Turn-on delay time
td(on)
-
28
-
VDD=40 V, VGS=10 V, ID=60 A, RG,ext=3Ω
ns
Reverse transfer capacitance
Crss
-
40
-
VGS=0 V, VDS=40 V, f=1 MHz
pF
Output capacitance
Coss
-
1408
-
VGS=0 V, VDS=40 V, f=1 MHz
pF
Conditions / Note
Input capacitance
Ciss
-
7077
-
VGS=0 V, VDS=40 V, f=1 MHz
Unit
pF
Dynamic characteristics
Parameter
Symbol
Min.
Typ.
Max.
Gate plateau voltage
Vplateau
-
5.1
-
Gate charge total
Qg
-
106
-
Switching charge
Qsw
-
32
-
Gate to drain charge
Qgd
-
Transconductance
gfs
-
104
-
VDS=10 V, ID=60 A
S
Drain-source breakdown voltage
V(BR)DSS
80
-
-
VGS=0 V, ID=250 μA
V
Gate-source leakage current
IGSS
-
-
± 100
VGS=±20 V, VDS=0 V
nA
Zero gate voltage drain current
IDSS
-
-
1
VDS=80 V, VGS=0 V
μA
Gate threshold voltage
VGS(th)
2.25
3.0
3.75
VDS=VGS, ID=250 μA
V
Gate resistance
RG
-
3.0
-
f=1MHz
Ω
Drain-source on-state resistance
RDS(on)
-
2.70
3.23
VGS=10 V, ID=60 A
mΩ
Electrical Characteristics (TJ = 25
oC)
Static characteristics
Parameter
Symbol
Min.
Typ.
Max.
Conditions / Note
Unit
Jul. 2021. Rev. 1.2
3 / 7
All information provided in this document is subject to legal disclaimers
Product data sheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com