Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP08N032TH Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MDP08N032TH
Description  Single N-channel Trench MOSFET 80V 3.23mΩ 120A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP08N032TH Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MDP08N032TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 6Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 7Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Magnachip Power Technology
MDP08N032TH
Electrical characteristics diagrams
Fig. 11. Transient Thermal Impedance
Fig. 9. Safe Operating Area
Fig. 10. Maximum Drain Current vs. Case Temperature
Fig. 7. Gate Charge
Fig. 8. Capacitance
0
2
4
6
8
10
0
10
20
30
40
50
60
70
80
90
100
110
Q
G, Total Gate Charge [nC]
※ Notes :
1. V
DS=40V
2. I
D=60A
10
10
10
10
0
10
20
30
40
50
60
70
80
V
DS, Drain-Source Voltage [V]
Ciss
Coss
Crss
Ciss=Cgs+Cgd (Cds = shorted)
Coss=Cds+Cgd
Crss=Cgd
※ Notes :
1. V
GS=0V
2. f=1MHz
1
2
4
3
10
10
10
10
10
10
10
10
V
DS, Drain-Source Voltage [V]
Max. I
DM
Max. continuous
I
D
-1
0
1
2
0
1
3
2
100us
DC
10ms
1ms
10us
Operation in This Area
is Limited by R
DS(on)
Single Pulse
T
J(MAX)=175℃
T
C=25℃
0
50
100
150
200
25
50
75
100
125
150
175
T
C, Case Temperature [˚C]
10
10
10
10
10
10
10
10
t
p, Rectangular Pulse Duration [sec]
-4
-3
-2
-1
0
-2
-1
0
0.02
0.01
Single Pulse
0.1
D=0.5
0.3
0.05
Limited by Package
Single Pulse
T
J=Max rated
T
C=25℃
※ Notes :
Duty Factor, D=t
p/T
PEAK T
J=PDM*ZthJC+TC
Jul. 2021. Rev. 1.2
5 / 7
All information provided in this document is subject to legal disclaimers
Product data sheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com