Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP08N032TH Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MDP08N032TH
Description  Single N-channel Trench MOSFET 80V 3.23mΩ 120A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDP08N032TH Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MDP08N032TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 6Page - MagnaChip Semiconductor. MDP08N032TH Datasheet HTML 7Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Magnachip Power Technology
MDP08N032TH
Fig. 5. Transfer Characteristics
Fig. 6. Body Diode Forward Voltage
Variation with Source Current and Temperature
Electrical characteristics diagrams
Fig. 1. Output Characteristics
Fig. 2. Static On-Resistance Variation
Fig. 3. On-Resistance vs. Junction Temperature
Fig. 4. On-Resistance vs. Gate to Source Voltage
0
20
40
60
80
100
120
0
0.5
1
1.5
2
V
DS, Drain-Source Voltage [V]
VGS =10V
5.0V
6.0V
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
175
T
J, Junction Temperature [˚C]
※ Notes :
1. V
GS=10V
0
2
4
6
8
10
12
14
16
18
20
3
4
5
6
7
8
9
10
V
GS, Gate to Source Voltage [V]
※ Notes :
I
D=60A
T
J= 25˚C
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
V
GS, Gate-Source Voltage [V]
T
J= 25˚C
※ Notes :
V
DS=10V
10
10
10
0
0.3
0.6
0.9
1.2
1.5
V
SD, Source-Drain Voltage [V]
0
2
1
T
J= 175˚C
※ Notes :
V
GS=0V
8.0V
2
2.5
3
3.5
4
0
40
80
120
I
D, Drain Current [A]
V
GS=10V
T
J= -55˚C
T
J= 175˚C
T
J= 175˚C
T
J= -55˚C
T
J= 25˚C
T
J= -55˚C
Jul. 2021. Rev. 1.2
4 / 7
All information provided in this document is subject to legal disclaimers
Product data sheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com