Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2176 Datasheet (PDF) - Advanced Power Technology

MS2176 Datasheet PDF - Advanced Power Technology
Part # MS2176
Download  MS2176 Download
File Size   203.73 Kbytes
Page   6 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS

MS2176 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS2176 Datasheet PDF - Advanced Power Technology

Part # MS2176
Download  MS2176 Click to download

File Size   203.73 Kbytes
Page   6 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS

MS2176 Datasheet (HTML) - Advanced Power Technology


MS2176 Product details

DESCRIPTION:
The MS2176 is a gold metallized silicon NPN pulse power transistor designed for applications requiring high peak power and low duty cycles within the frequency range of 400 – 500 MHz.

Features
• 350 WATTS @ 10µSEC PULSE WIDTH, 10% DUTY CYCLE
• 300 WATTS @ 250µSEC PULSE WIDTH 10% DUTY CYCLE
• 9.5 DB MIN. GAIN
• REFRACTORY GOLD METALLIZATION
• EMITTER BALLASTING AND LOW THERMAL RESISTANCE FOR RELIABILITY AND RUGGEDNESS
• INFINITE VSWR CAPABILITY AT SPECIFIED OPERATING CONDITIONS




Similar Part No. - MS2176

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS2176 MICROSEMI-MS2176 Datasheet
187Kb / 4P
RF & MICROWAVE TRANSISTORS
More results


Similar Description - MS2176

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
rev. A
SD1135 STMICROELECTRONICS-SD1135 Datasheet
52Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1434 STMICROELECTRONICS-SD1434 Datasheet
73Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1563 STMICROELECTRONICS-SD1563 Datasheet
106Kb / 7P
RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
07-Sep-1994
SD1565 STMICROELECTRONICS-SD1565 Datasheet
107Kb / 6P
RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
19-Jul-1994
logo
Advanced Power Technolo...
MS1480 ADPOW-MS1480 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS2200 ADPOW-MS2200 Datasheet
201Kb / 6P
RF AND MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
MS1402 ADPOW-MS1402 Datasheet
90Kb / 3P
RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
SD1146 ADPOW-SD1146 Datasheet
132Kb / 4P
RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1536 NJSEMI-SD1536 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com