Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1402 Datasheet (PDF) - Advanced Power Technology

MS1402 Datasheet PDF - Advanced Power Technology
Part # MS1402
Download  MS1402 Download
File Size   90.34 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS

MS1402 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS1402 Datasheet PDF - Advanced Power Technology

Part # MS1402
Download  MS1402 Click to download

File Size   90.34 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS

MS1402 Datasheet (HTML) - Advanced Power Technology


MS1402 Product details

DESCRIPTION:
The MS1402 is a 12.5 V Class C epitaxial silicon NPN planar transistor designed primarily for UHF communications. This device utilizes improved metallization to achieve infinite VSWR at rated operating conditions.

Features
• 450 - 512 MHz
• 12.5 Volts
• Efficiency 55%
• POUT = 2.0 W Min.
• GP = 10.0 dB Gain




Similar Part No. - MS1402

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1402 MICROSEMI-MS1402 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS
More results


Similar Description - MS1402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1134 STMICROELECTRONICS-SD1134 Datasheet
47Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Nov-1992
SD1135 STMICROELECTRONICS-SD1135 Datasheet
52Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1434 STMICROELECTRONICS-SD1434 Datasheet
73Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1488 STMICROELECTRONICS-SD1488 Datasheet
60Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
24-Jul-1993
logo
Advanced Power Technolo...
MS1426 ADPOW-MS1426 Datasheet
98Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS1480 ADPOW-MS1480 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS1490 ADPOW-MS1490 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
SD1429-03 ADPOW-SD1429-03 Datasheet
113Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
SD1146 ADPOW-SD1146 Datasheet
132Kb / 4P
RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
SD1422 ADPOW-SD1422 Datasheet
126Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com