Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1402 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1402
Description  RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1402 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1402 Datasheet HTML 1Page - Advanced Power Technology MS1402 Datasheet HTML 2Page - Advanced Power Technology MS1402 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS1402
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
The MS1402 is a 12.5 V Class C epitaxial silicon NPN planar
transistor designed primarily for UHF communications. This device
utilizes improved metallization to achieve infinite VSWR at rated
operating conditions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
16
V
VCES
Collector-Emitter Voltage
36
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
0.75
A
PDISS
Power Dissipation
5
W
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
-65 to +150
°°C
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance
35
°°C/W
Features
Features
• 450 - 512 MHz
• 12.5 Volts
• Efficiency 55%
•
POUT = 2.0 W Min.
• G
P = 10.0 dB Gain
RF AND MICROWAVE TRANSISTORS
UHF MOBILE APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1402

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1402 MICROSEMI-MS1402 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS
More results

Similar Description - MS1402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1134 STMICROELECTRONICS-SD1134 Datasheet
47Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Nov-1992
SD1135 STMICROELECTRONICS-SD1135 Datasheet
52Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1434 STMICROELECTRONICS-SD1434 Datasheet
73Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1488 STMICROELECTRONICS-SD1488 Datasheet
60Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
24-Jul-1993
logo
Advanced Power Technolo...
MS1426 ADPOW-MS1426 Datasheet
98Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS1480 ADPOW-MS1480 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS1490 ADPOW-MS1490 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
SD1429-03 ADPOW-SD1429-03 Datasheet
113Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
SD1146 ADPOW-SD1146 Datasheet
132Kb / 4P
RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
SD1422 ADPOW-SD1422 Datasheet
126Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com