Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1402 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1402
Description  RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1402 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1402 Datasheet HTML 1Page - Advanced Power Technology MS1402 Datasheet HTML 2Page - Advanced Power Technology MS1402 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS1402
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
°°C)
C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCES
IC = 5 mA
VBE = 0 V
36
V
BVCEO
IC = 25 mA
IB = 0 mA
16
V
BVEBO
IE = 1 mA
IC = 0 mA
4.0
V
ICBO
VCB =15 V
IE = 0 mA
1.0
mA
hFE
VCE = 5 V
IC = 100 mA
20
100
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f = 470 MHz
PIN = 0.20 W
VCC = 12.5 V
2.0
W
GP
f = 470 MHz
PIN = 0.20 W
VCC = 12.5 V
10
dB
COB
f = 1 MHz
VCB = 12 V
10
pF
IMPEDANCE DATA
IMPEDANCE DATA
Freq.
ZIN (
Ω
Ω)
ZCL (
Ω
Ω)
450 MHz
2.7 – j 0.9
11.5 + j 15.0
470 MHz
2.6 – j 1.3
12.2 + j 13.5
512 MHz
2.2 – j 1.7
12.7 + j 13.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com