Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4247 Datasheet (PDF) - Microsemi Corporation

1N4247 Datasheet PDF - Microsemi Corporation
Part # 1N4247
Download  1N4247 Download
File Size   257.42 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description OIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS

1N4247 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4247 Datasheet PDF - Microsemi Corporation

Part # 1N4247
Download  1N4247 Click to download

File Size   257.42 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description OIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS

1N4247 Datasheet (HTML) - Microsemi Corporation


1N4247 Product details

DESCRIPTION
This “standard recovery” rectifier diode series is military qualified to MIL-PRF-19500/286 and is ideal for high-reliability applications where a failure cannot be tolerated. These industry-recognized 1.0 Amp rated rectifiers for working peak reverse voltages from 200 to 1000 volts are hermetically sealed with voidless-glass construction using an internal “Category I” metallurgical bond. These devices are similar in ratings to the 1N5614 thru 1N5622 series where surface mount MELF package configurations are available by adding a “US” suffix (see separate data sheet for 1N5614US thru 1N5622US). Microsemi also offers numerous other rectifier products to meet higher and lower current ratings with various recovery time speed requirements including fast and ultrafast device types in both through-hole and surface mount packages.

FEATURES
• Popular JEDEC registered 1N4245 to 1N4249
   series
• Voidless hermetically sealed glass package
• Triple-Layer Passivation
• Internal “Category I” Metallurgical bonds
• Working Peak Reverse Voltage 200 to 1000 Volts.
• JAN, JANTX, and JANTXV available per MIL-PRF-
   19500/286 (for JANS, see 1N5614-5622 series)
• Surface mount equivalents also available in a
   square end-cap MELF configuration with “US”
   suffix (see separate data sheet for 1N5614US thru
   1N5622US)

APPLICATIONS / BENEFITS
• Standard recovery 1 Amp rectifiers 200 to 1000 V
• Military and other high-reliability applications
• General rectifier applications including bridges,
   half-bridges, catch diodes, etc.
• High forward surge current capability
• Extremely robust construction
• Low thermal resistance
• Controlled avalanche with peak reverse power
   capability
• Inherently radiation hard as described in Microsemi
   MicroNote 050




Similar Part No. - 1N4247

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
1N4247 POWEREX-1N4247 Datasheet
99Kb / 2P
Passivated Rectifier
logo
General Semiconductor
1N4247 GE-1N4247 Datasheet
51Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Microsemi Corporation
1N4247 MICROSEMI-1N4247 Datasheet
41Kb / 2P
MILITARY RECTIFIERS
logo
List of Unclassifed Man...
1N4247 ETC1-1N4247 Datasheet
48Kb / 1P
SCHOTTKY RECTIERS SILICON RECTIFIER DIODES
logo
Sensitron
1N4247 SENSITRON-1N4247 Datasheet
47Kb / 2P
HERMETIC AXIAL LEAD RECTIFIER
More results


Similar Description - 1N4247

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5614 MICROSEMI-1N5614_07 Datasheet
208Kb / 3P
VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N5614US MICROSEMI-1N5614US Datasheet
158Kb / 3P
VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT STANDARD RECOVERY GLASS RECTIFIERS
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N6661US MICROSEMI-1N6661US Datasheet
133Kb / 2P
VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N5807 MICROSEMI-1N5807_10 Datasheet
132Kb / 7P
VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
JANTX1N4946 MICROSEMI-JANTX1N4946 Datasheet
268Kb / 2P
VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
JANTX1N5618US MICROSEMI-JANTX1N5618US Datasheet
155Kb / 3P
VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT STANDARD RECOVERY GLASS RECTIFIERS
JAN1N5554 MICROSEMI-JAN1N5554 Datasheet
212Kb / 6P
VOIDLESS HERMETICALLY SEALED STANDARD RECOVERY GLASS RECTIFIERS
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com