Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2XAL Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

HS2XAL Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # HS2XAL
Download  HS2XAL Download
File Size   492.57 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2A, 200V - 1000V High Efficient Surface Mount Rectifier

HS2XAL Datasheet (PDF)

Go To PDF Page Download Datasheet
HS2XAL Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # HS2XAL
Download  HS2XAL Click to download

File Size   492.57 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2A, 200V - 1000V High Efficient Surface Mount Rectifier

HS2XAL Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


HS2XAL Product details

FEATURES
● Glass passivated chip junction
● Ideal for automated placement
● Low power loss, high efficiency
● Fast switching for high efficiency
● Low profile package
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21

APPLICATIONS
● DC to DC converter
● Switching mode converters and inverters
● Freewheeling application

MECHANICAL DATA
● Case: Thin SMA
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.029g (approximately)




Similar Part No. - HS2XAL

ManufacturerPart #DatasheetDescription
logo
Sennheiser electronic S...
HS2 SENNHEISER-HS2 Datasheet
99Kb / 2P
Headset microphone
V2.0
logo
Renesas Technology Corp
HS2-117EH-Q RENESAS-HS2-117EH-Q Datasheet
844Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
HS2-117EH-Q RENESAS-HS2-117EH-Q Datasheet
674Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Aug 12, 2025
HS2-117RH RENESAS-HS2-117RH Datasheet
674Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Aug 12, 2025
logo
Intersil Corporation
HS2-117RH-8 INTERSIL-HS2-117RH-8 Datasheet
61Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
More results


Similar Description - HS2XAL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1D-K TSC-HS1D-K Datasheet
417Kb / 6P
1A, 200V - 1000V High Efficient Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S2D-T TS-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DFS TS-S2DFS Datasheet
435Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DA-T TS-S2DA-T Datasheet
424Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TS-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S2D-T TSC-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DFS TSC-S2DFS Datasheet
435Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DA-T TSC-S2DA-T Datasheet
424Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TSC-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DAL TSC-S2DAL Datasheet
436Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com