Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2XAL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HS2XAL
Description  2A, 200V - 1000V High Efficient Surface Mount Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS2XAL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HS2XAL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS2XAL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS2XAL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS2XAL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd HS2XAL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd HS2XAL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd HS2XAL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HS2DAL
– HS2MAL
Taiwan Semiconductor
1
Version: C2103
2A, 200V - 1000V High Efficient Surface Mount Rectifier
FEATURES
● Glass passivated chip junction
● Ideal for automated placement
● Low power loss, high efficiency
● Fast switching for high efficiency
● Low profile package
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC to DC converter
● Switching mode converters and inverters
● Freewheeling application
MECHANICAL DATA
● Case: Thin SMA
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.029g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
2
A
VRRM
200 - 1000
V
IFSM
60
A
TJ MAX
150
°C
Package
Thin SMA
Configuration
Single die
Thin SMA
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL HS2DAL HS2GAL HS2JAL HS2KAL HS2MAL UNIT
Marking code on the device
HS2DAL
HS2GAL
HS2JAL
HS2KAL
HS2MAL
Repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Reverse voltage, total rms value
VR(RMS)
140
280
420
560
700
V
Forward current
IF
2
A
Surge peak forward
current single half sine
wave superimposed on
rated load
t = 8.3ms
IFSM
60
A
t = 1.0ms
120
A
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - HS2XAL

ManufacturerPart #DatasheetDescription
logo
Sennheiser electronic S...
HS2 SENNHEISER-HS2 Datasheet
99Kb / 2P
Headset microphone
V2.0
logo
Renesas Technology Corp
HS2-117EH-Q RENESAS-HS2-117EH-Q Datasheet
844Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
HS2-117EH-Q RENESAS-HS2-117EH-Q Datasheet
674Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Aug 12, 2025
HS2-117RH RENESAS-HS2-117RH Datasheet
674Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Aug 12, 2025
logo
Intersil Corporation
HS2-117RH-8 INTERSIL-HS2-117RH-8 Datasheet
61Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
More results

Similar Description - HS2XAL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1D-K TSC-HS1D-K Datasheet
417Kb / 6P
1A, 200V - 1000V High Efficient Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S2D-T TS-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DFS TS-S2DFS Datasheet
435Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DA-T TS-S2DA-T Datasheet
424Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TS-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S2D-T TSC-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DFS TSC-S2DFS Datasheet
435Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DA-T TSC-S2DA-T Datasheet
424Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TSC-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DAL TSC-S2DAL Datasheet
436Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com