Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE58QL022 Datasheet (PDF) - Zarlink Semiconductor Inc

LE58QL022 Datasheet PDF - Zarlink Semiconductor Inc
Part # LE58QL022
Download  LE58QL022 Download
File Size   593.18 Kbytes
Page   61 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series

LE58QL022 Datasheet (PDF)

Go To PDF Page Download Datasheet
LE58QL022 Datasheet PDF - Zarlink Semiconductor Inc

Part # LE58QL022
Download  LE58QL022 Click to download

File Size   593.18 Kbytes
Page   61 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description Quad Low Voltage Subscriber Line Audio-Processing Circuit VE580 Series

LE58QL022 Datasheet (HTML) - Zarlink Semiconductor Inc


LE58QL022 Product details

APPLICATIONS
„ Codec function on telephone switch line cards

FEATURES
„ Low-power, 3.3 V CMOS technology with 5 V tolerant
digital inputs
„ Software and coefficient compatible to the Am79Q02/
021/031 QSLAC device
„ Performs the functions of four codec/filters
„ Software programmable:
— SLIC input impedance
— Transhybrid balance
— Transmit and receive gains
— Equalization (frequency response)
— Digital I/O pins
— Programmable debouncing on one input
— Time slot assigner
— Programmable clock slot and PCM transmit clock edge
options
„ Standard microprocessor interface
„ A-law, µ-law, or linear coding
„ Single or Dual PCM ports available
— Up to 128 channels (PCLK at 8.192 MHz) per PCM port
— Optional supervision on the PCM highway
„ 1.536, 1.544, 2.048, 3.072, 3.088, 4.096, 6.144, 6.176, or
8.192 MHz master clock derived from MCLK or PCLK
„ Built-in test modes with loopback, tone generation,
and µP access to PCM data
„ Mixed state (analog and digital) impedance scaling
„ Performance guaranteed over a 12 dB gain range
„ Real Time Data register with interrupt (open drain or
TTL output)
„ Supports multiplexed SLIC device outputs
„ Broadcast state
„ 256 kHz or 293 kHz chopper clock for Legerity SLIC
devices with switching regulator
„ Maximum channel bandwidth for V.90 modems

RELATED LITERATURE
„ 080754 Le58QL061/063 QLSLAC™ Data Sheet
„ 080147 Le79Q02/021/031 QSLAC™ Data Sheet
„ 080193 Le79Q061/063 QSLAC™ Data Sheet
„ 080761 QSLAC™ to QLSLAC™ Design Conversion
Guide
„ 080758 QSLAC™ to QLSLAC™ Guide to New Designs

DESCRIPTION
The Le58QL022 Quad Low Voltage Subscriber Line AudioProcessing Circuit (QLSLAC™) devices integrate the key
functions of analog line cards into high-performance, veryprogrammable, four-channel codec-filter devices. The
QLSLAC devices are based on the proven design of Legerity’s
reliable SLAC™ device families. The advanced architecture of
the QLSLAC devices implements four independent channels
and employs digital filters to allow software control of
transmission, thus providing a cost-effective solution for the
audio-processing function of programmable line cards. The
QLSLAC devices are software and coefficient compatible to the
QSLAC devices.
Advanced submicron CMOS technology makes the
Le58QL022 QLSLAC devices economical, with both the
functionality and the low power consumption needed in line
card designs to maximize line card density at minimum cost.
When used with four Legerity SLIC devices, a QLSLAC device
provides a complete software-configurable solution to the
BORSCHT functions.




Similar Part No. - LE58QL022

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LE507 ETC-LE507 Datasheet
66Kb / 3P
Class A Output Stage with Input Biasing
logo
STMicroelectronics
LE50AB STMICROELECTRONICS-LE50AB Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE50AB STMICROELECTRONICS-LE50AB Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LE50ABD STMICROELECTRONICS-LE50ABD Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE50ABD-TR STMICROELECTRONICS-LE50ABD-TR Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results


Similar Description - LE58QL022

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
logo
List of Unclassifed Man...
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
logo
Advanced Micro Devices
AM79D2251 AMD-AM79D2251 Datasheet
410Kb / 35P
Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
AM79C03 AMD-AM79C03 Datasheet
723Kb / 48P
Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
logo
List of Unclassifed Man...
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Advanced Micro Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
Subscriber Line Audio-Processing Circuit(SLAC)Device
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com