Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE507 Datasheet (PDF) - List of Unclassifed Manufacturers

LE507 Datasheet PDF - List of Unclassifed Manufacturers
Part # LE507
Download  LE507 Download
File Size   66.02 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Class A Output Stage with Input Biasing

LE507 Datasheet (PDF)

Go To PDF Page Download Datasheet
LE507 Datasheet PDF - List of Unclassifed Manufacturers

Part # LE507
Download  LE507 Click to download

File Size   66.02 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Class A Output Stage with Input Biasing

LE507 Datasheet (HTML) - List of Unclassifed Manufacturers


LE507 Product details

[GENNUM]



DESCRIPTION

The LE507 is a low voltage class A amplifier design, primarily for low voltage and low power use. The broad application include AF output stages, RF amplifiers and output stages of the hearing instruments. The circuit is comprised of three stages all of them having access to their collectors for frequency shaping, feedback, etc. The provision for the bias network and alternative gain increase to 76 dB are included on the circuit.



FEATURES

• 76 dB of gain

• internal DC bias for I/P stage

• applications include AF output stages, hearing aids and RF amplifiers

• total harmonic distortion 1% (typical)



 




Similar Part No. - LE507

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LE50AB STMICROELECTRONICS-LE50AB Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE50AB STMICROELECTRONICS-LE50AB Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LE50ABD STMICROELECTRONICS-LE50ABD Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE50ABD-TR STMICROELECTRONICS-LE50ABD-TR Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LE50ABD-TR STMICROELECTRONICS-LE50ABD-TR Datasheet
1Mb / 24P
Very low-dropout voltage regulator with inhibit function
03-May-2017
More results


Similar Description - LE507

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4015B STMICROELECTRONICS-HCC4015B Datasheet
281Kb / 12P
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT
Jun-1989
logo
Toshiba Semiconductor
TC4015BP TOSHIBA-TC4015BP Datasheet
262Kb / 6P
DUAL 4-STAGE STATIC SHIFT REGISTER (WITH SERIAL INPUT/PARALLEL OUTPUT)
logo
Analog Devices
AD1991 AD-AD1991 Datasheet
194Kb / 11P
Class D/1-Bit Audio Power Output Stage
REV.0
logo
List of Unclassifed Man...
LC549 ETC-LC549 Datasheet
79Kb / 5P
High Power Class B Output Stage
MMC4015 ETC1-MMC4015 Datasheet
109Kb / 4P
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT / PARALLEL OUTPUT
LC551 ETC1-LC551 Datasheet
66Kb / 3P
High Power Class B Output Stage
GS551 ETC1-GS551 Datasheet
96Kb / 4P
High Power, Class B Output Stage
logo
Toshiba Semiconductor
TC4015BP TOSHIBA-TC4015BP_07 Datasheet
347Kb / 9P
Dual 4-Stage Static Shift Register(with serial input/parallel output)
logo
Analog Devices
AD1991 AD-AD1991_15 Datasheet
206Kb / 12P
Class D/1-Bit Audio Power Output Stage
REV. 0
logo
Infineon Technologies A...
MA5302MS INFINEON-MA5302MS Datasheet
3Mb / 60P
2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
V 2.1 11/2/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com