Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE507 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LE507
Description  Class A Output Stage with Input Biasing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LE507 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LE507 Datasheet HTML 1Page - List of Unclassifed Manufacturers LE507 Datasheet HTML 2Page - List of Unclassifed Manufacturers LE507 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
500 - 52 - 09
2
0.033
2
(3)
18 k
RL
1 k
VB = 1.3 VDC
13.5 k
-30 dB
ATTENUATION
680
2 k
6
(7)
3
(2)
INPUT
5
(8)
100 k
33 k
8
(5)
HAMMOND
99966
7
(6)
1
(4)
4
(1)
1 kHz
25 k
VOUT
ITOT
1:1
VRE
27
RS
600
3.3 k
PARAMETER
VALUE/UNITS
Supply Voltage
5 V DC
Power Dissipation
25 mW
Operating Temperature Range
-10
°C to40° C
Storage Temperature Range
-20
°C to 70° C
Supply voltage 1.3 VDC, ambient temperature 25
o
C
Conditions are as per test circuit unless otherwise stated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Voltage Gain
V
A
Output level 0.5 VRMS
28
30
32
dB
Total Harmonic Distortion
T.H.D.
Output level 0.5 VRMS
-1
2
%
Total Current
I
Total
1.05
1.3
1.6
mA
Emitter Voltage
V
RE
27
34
41
mV
All external resistors in ohms, all capacitors in
µF unless otherwise stated.
Numbers in brackets are for DIP packages.
Fig.1 Test Circuit
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PIN CONNECTION
CAUTION
CLASS 1 ESD SENSITIVITY
1
4
5
8
FILTER B
O / P
R
E
I / P
FILTER A
GND
V
BIAS
V
B
1
8
5
O / P
R
E
I / P
FILTER A
GND
V
BIAS
V
B
FILTER B
4
DIP
PACKAGE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com