Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE507 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LE507
Description  Class A Output Stage with Input Biasing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LE507 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LE507 Datasheet HTML 1Page - List of Unclassifed Manufacturers LE507 Datasheet HTML 2Page - List of Unclassifed Manufacturers LE507 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
I/P
FILTER A
6
(7)
4
(1)
8
(5)
3
(2)
5
(8)
7
(6)
1
(4)
O/P
FILTER B
VBIAS
RE
GND
VB
2
(3)
Class A Output Stage
with Input Biasing
LE507 DATA SHEET
DESCRIPTION
The LE507 is a low voltage class A amplifier design, primarily
for low voltage and low power use.
The broad application
include AF output stages, RF amplifiers and output stages of
the hearing instruments. The circuit is comprised of three
stages all of them having
access to their collectors for
frequency shaping, feedback, etc. The provision for the bias
network and alternative gain increase to 76 dB are included on
the circuit.
For more application information refer to Information Note
520 - 30.
Document No. 500 - 52 - 09
BLOCK DIAGRAM
All external resistors in ohms, all capacitors in
µF unless otherwise stated.
Numbers in brackets are for DIP package.
STANDARD PACKAGING
GENNUM CORPORATION P.O. Box 489, Stn A, Burlington, Ontario, Canada L7R 3Y3
tel. (905) 632-2996 fax: (905) 632-5946
Japan Branch: A-302, M i yamae Vi l l age, 2–10–42 M i yamae, Suginami–ku, Tokyo 168, Japan
tel. (03) 3334-7700
fax (03) 3247-8839
Revision Date: January 2001
• 8 pin PLID
®
• 8 pin DIP
FEATURES
• 76 dB of gain
• internal DC bias for I/P stage
• applications include AF output stages,
hearing aids and RF amplifiers
• total harmonic distortion 1% (typical)


Similar Part No. - LE507

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LE50AB STMICROELECTRONICS-LE50AB Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE50AB STMICROELECTRONICS-LE50AB Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LE50ABD STMICROELECTRONICS-LE50ABD Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE50ABD-TR STMICROELECTRONICS-LE50ABD-TR Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
LE50ABD-TR STMICROELECTRONICS-LE50ABD-TR Datasheet
1Mb / 24P
Very low-dropout voltage regulator with inhibit function
03-May-2017
More results

Similar Description - LE507

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4015B STMICROELECTRONICS-HCC4015B Datasheet
281Kb / 12P
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT
Jun-1989
logo
Toshiba Semiconductor
TC4015BP TOSHIBA-TC4015BP Datasheet
262Kb / 6P
DUAL 4-STAGE STATIC SHIFT REGISTER (WITH SERIAL INPUT/PARALLEL OUTPUT)
logo
Analog Devices
AD1991 AD-AD1991 Datasheet
194Kb / 11P
Class D/1-Bit Audio Power Output Stage
REV.0
logo
List of Unclassifed Man...
LC549 ETC-LC549 Datasheet
79Kb / 5P
High Power Class B Output Stage
MMC4015 ETC1-MMC4015 Datasheet
109Kb / 4P
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT / PARALLEL OUTPUT
LC551 ETC1-LC551 Datasheet
66Kb / 3P
High Power Class B Output Stage
GS551 ETC1-GS551 Datasheet
96Kb / 4P
High Power, Class B Output Stage
logo
Toshiba Semiconductor
TC4015BP TOSHIBA-TC4015BP_07 Datasheet
347Kb / 9P
Dual 4-Stage Static Shift Register(with serial input/parallel output)
logo
Analog Devices
AD1991 AD-AD1991_15 Datasheet
206Kb / 12P
Class D/1-Bit Audio Power Output Stage
REV. 0
logo
Infineon Technologies A...
MA5302MS INFINEON-MA5302MS Datasheet
3Mb / 60P
2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
V 2.1 11/2/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com