Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1991 Datasheet (PDF) - Analog Devices

AD1991 Datasheet PDF - Analog Devices
Part # AD1991
Download  AD1991 Download
File Size   194.9 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Class D/1-Bit Audio Power Output Stage

AD1991 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1991 Datasheet PDF - Analog Devices

Part # AD1991
Download  AD1991 Click to download

File Size   194.9 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Class D/1-Bit Audio Power Output Stage

AD1991 Datasheet (HTML) - Analog Devices


AD1991 Product details

GENERAL DESCRIPTION
The AD1991 is a 2-channel BTL or 4-channel single-ended class D audio power output stage. The part is configured during reset to be in either 2-channel mode or 4-channel mode.

FEATURES
    Class D/1-Bit Audio Power Output Stage
    5 V Analog and Digital Supply Voltages
    Power Stage Power Supply 8 V to 20 V
    Output Power @ 0.1% THD + N
        Stereo Mode
            2 x 20 W @ 4 Ω @ 14.4 V
            2 x 20 W @ 8 Ω @ 20 V
        Mono Mode
            1 x 40 W @ 4 Ω @ 20 V
    RON < 320 mΩ (per Transistor)
    Efficiency > 85% @ Full Power/8 Ω
    Clickless Mute Function
    Turn-On and Turn-Off Pop Suppression
    Short-Circuit Protection
    Overtemperature Protection
    Data Loss Protection
    2-Channel BTL Outputs or
    4-Channel Single-Ended Outputs
    52-Lead Exposed Pad TQFP Package
    Low Cost DMOS Process

APPLICATIONS
    PC Audio Systems
    Minicomponents
    Automotive Amplifiers
    Home Theater Systems
    Televisions




Similar Part No. - AD1991

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1991 AD-AD1991_15 Datasheet
206Kb / 12P
Class D/1-Bit Audio Power Output Stage
REV. 0
More results


Similar Description - AD1991

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC551 ETC1-LC551 Datasheet
66Kb / 3P
High Power Class B Output Stage
GS551 ETC1-GS551 Datasheet
96Kb / 4P
High Power, Class B Output Stage
logo
Analog Devices
ADAU1513 AD-ADAU1513 Datasheet
472Kb / 16P
Class-D Audio Power Stage
5/07-Revision 0
logo
Princeton Technology Co...
PT2001 PTC-PT2001 Datasheet
250Kb / 4P
2.2W횞2 Class-D Audio Power Amp. 2.2W횞2 Class-D Audio Power Amp. with Headphone Output
logo
Analog Devices
AD1991 AD-AD1991_15 Datasheet
206Kb / 12P
Class D/1-Bit Audio Power Output Stage
REV. 0
ADAU1513 AD-ADAU1513_15 Datasheet
1Mb / 16P
Class-D Audio Power Stage
REV. 0
logo
Texas Instruments
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
Constant Output Power Class-D Audio Amplifier
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
Constant Output Power Class-D Audio Amplifier
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
Constant Output Power Class-D Audio Amplifier
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
Constant Output Power Class-D Audio Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com