Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS551 Datasheet (PDF) - List of Unclassifed Manufacturers

GS551 Datasheet PDF - List of Unclassifed Manufacturers
Part # GS551
Download  GS551 Download
File Size   96.37 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description High Power, Class B Output Stage

GS551 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS551 Datasheet PDF - List of Unclassifed Manufacturers

Part # GS551
Download  GS551 Click to download

File Size   96.37 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description High Power, Class B Output Stage

GS551 Datasheet (HTML) - List of Unclassifed Manufacturers


GS551 Product details

[GENNUM]

CIRCUIT DESCRIPTION
The GS551 is a 10 pin, low voltage, class B amplifier which operates over a battery range of 1.1 VDC to 3 VDC.

FEATURES
• adjustable gain to 48 dB
• capable of driving low impedance receiver
• low component count, 3 small capacitors and 1 resistor
• gain trim can be used as vol. control for reduced noise
• minimal start-up transient
• no gain expansion




Similar Part No. - GS551

ManufacturerPart #DatasheetDescription
logo
GIACOMINI WATER E-MOTIO...
GS551Y001 GIACOMINI-GS551Y001 Datasheet
1Mb / 4P
giacosun® sanitary hot water module GS556
More results


Similar Description - GS551

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB1369 KEC-KTB1369 Datasheet
261Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
KTB1469 KEC-KTB1469 Datasheet
259Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
KTD2061 KEC-KTD2061 Datasheet
266Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
KTD2161 KEC-KTD2161 Datasheet
264Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)
logo
Analog Devices
AD1991 AD-AD1991 Datasheet
194Kb / 11P
Class D/1-Bit Audio Power Output Stage
REV.0
logo
List of Unclassifed Man...
LC552 ETC-LC552 Datasheet
131Kb / 3P
High Power Class B Amplifier
LC549 ETC-LC549 Datasheet
79Kb / 5P
High Power Class B Output Stage
LC551 ETC1-LC551 Datasheet
66Kb / 3P
High Power Class B Output Stage
logo
Analog Devices
ADAU1513 AD-ADAU1513 Datasheet
472Kb / 16P
Class-D Audio Power Stage
5/07-Revision 0
AD1991 AD-AD1991_15 Datasheet
206Kb / 12P
Class D/1-Bit Audio Power Output Stage
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com