Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1551998 Datasheet (PDF) - PHOENIX CONTACT

1551998 Datasheet PDF - PHOENIX CONTACT
Part # 1551998
Download  1551998 Download
File Size   569.12 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P-M12MR-M12FS SH/.../... - Sensor/actuator cable

1551998 Datasheet (PDF)

Go To PDF Page Download Datasheet
1551998 Datasheet PDF - PHOENIX CONTACT

Part # 1551998
Download  1551998 Click to download

File Size   569.12 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-8P-M12MR-M12FS SH/.../... - Sensor/actuator cable

1551998 Datasheet (HTML) - PHOENIX CONTACT


1551998 Product details

Sensor/actuator cable, 8-position, shielded, Plug angled M12, coding: A, on Socket straight M12,
coding: A, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1551998

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551901 PHOENIX-1551901 Datasheet
507Kb / 11P
SACC-DSI-MSD-4CON-M12/0,5 SCO - Device connector, rear mounting
1551914 PHOENIX-1551914 Datasheet
506Kb / 11P
SACC-DSI-MS-8CON-M12/0,5 SCO - Device connector, rear mounting
logo
Tyco Electronics
1551920-1 MACOM-1551920-1 Datasheet
4Mb / 6P
Quick Reference Guide
1551920-2 MACOM-1551920-2 Datasheet
528Kb / 2P
z-Quad Small Form-factor Pluggable Plus (zQSFP) Interconnect System
logo
TE Connectivity Ltd
1551920-2 TEC-1551920-2 Datasheet
3Mb / 10P
QSFP28/56 and zQSFP Interconnects
More results


Similar Description - 1551998

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1095802 PHOENIX-1095802 Datasheet
492Kb / 9P
Sensor/actuator cable - SAC-8P- 2,0-680/M12FS FDN
01/13/2022
1415726 PHOENIX-1415726 Datasheet
154Kb / 11P
Sensor/actuator cable - SAC-8P- 5,0-PVC/M12FS
09/11/2020
1445318 PHOENIX-1445318 Datasheet
105Kb / 5P
Sensor/actuator cable - SAC-8P- 5,0-800/M12FS
12/05/2018
1520372 PHOENIX-1520372 Datasheet
155Kb / 11P
Sensor/actuator cable - SAC-8P-10,0-PUR/M12FS
09/11/2020
1522545 PHOENIX-1522545 Datasheet
161Kb / 12P
Sensor/actuator cable - SAC-8P-M12MR/ 1,5-PUR
09/11/2020
1522833 PHOENIX-1522833 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P-M12MR/ 5,0-PUR SH
09/11/2020
1522930 PHOENIX-1522930 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P- 5,0-PUR/M12FR SH
09/11/2020
1528879 PHOENIX-1528879 Datasheet
107Kb / 5P
Sensor/actuator cable - SAC-8P-15,0-PUR/M12FS
12/06/2018
1095799 PHOENIX-1095799 Datasheet
443Kb / 16P
SAC-8P-15,0-680/M12FS FDN - Sensor/actuator cable
1095801 PHOENIX-1095801 Datasheet
443Kb / 16P
SAC-8P- 5,0-680/M12FS FDN - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com