Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1847550 Datasheet (PDF) - PHOENIX CONTACT

1847550 Datasheet PDF - PHOENIX CONTACT
Part # 1847550
Download  1847550 Download
File Size   523.71 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/11-GF-5,08 - PCB header

1847550 Datasheet (PDF)

Go To PDF Page Download Datasheet
1847550 Datasheet PDF - PHOENIX CONTACT

Part # 1847550
Download  1847550 Click to download

File Size   523.71 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/11-GF-5,08 - PCB header

1847550 Datasheet (HTML) - PHOENIX CONTACT


1847550 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 11,
number of rows: 1, number of positions: 11, number of connections: 11, product range: MC 1,5/..
-GF, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4
mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange,
type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1847550

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
18475 CANDD-18475 Datasheet
54Kb / 2P
Axial Lead Inductors
logo
PHOENIX CONTACT
1847505 PHOENIX-1847505 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 6-GF-5,08
Jan 5, 2023
1847518 PHOENIX-1847518 Datasheet
535Kb / 12P
MC 1,5/ 7-GF-5,08 - PCB header
1847521 PHOENIX-1847521 Datasheet
547Kb / 12P
MC 1,5/ 8-GF-5,08 - PCB header
1847547 PHOENIX-1847547 Datasheet
548Kb / 12P
PCB header - MC 1,5/10-GF-5,08
Jan 10, 2023
More results


Similar Description - 1847550

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1847482 PHOENIX-1847482 Datasheet
251Kb / 8P
PCB header - MC 1,5/ 4-GF-5,08
02/04/2022
1843884 PHOENIX-1843884 Datasheet
170Kb / 10P
Feed-through header - MC 1,5/11-GF-3,5
09/12/2020
1827897 PHOENIX-1827897 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 5-GF-3,81
Jul 20, 2022
1827907 PHOENIX-1827907 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 6-GF-3,81
Jul 20, 2022
1847479 PHOENIX-1847479 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 3-GF-5,08
Nov 30, 2022
1847466 PHOENIX-1847466 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 2-GF-5,08
Jan 5, 2023
1847505 PHOENIX-1847505 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 6-GF-5,08
Jan 5, 2023
1847547 PHOENIX-1847547 Datasheet
548Kb / 12P
PCB header - MC 1,5/10-GF-5,08
Jan 10, 2023
1847563 PHOENIX-1847563 Datasheet
548Kb / 12P
PCB header - MC 1,5/12-GF-5,08
Jan 4, 2023
1847521 PHOENIX-1847521 Datasheet
547Kb / 12P
MC 1,5/ 8-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com