Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6073US Datasheet (PDF) - Microsemi Corporation

1N6073US Datasheet PDF - Microsemi Corporation
Part # 1N6073US
Download  1N6073US Download
File Size   126.58 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description VOIDLESS HERMETICALLY SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS POWER RECTIFIERS

1N6073US Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6073US Datasheet PDF - Microsemi Corporation

Part # 1N6073US
Download  1N6073US Click to download

File Size   126.58 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description VOIDLESS HERMETICALLY SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS POWER RECTIFIERS

1N6073US Datasheet (HTML) - Microsemi Corporation


1N6073US Product details

DESCRIPTION
This “Ultrafast Recovery” rectifier diode series is military qualified to MIL-PRF-19500/503 and is ideal for high-reliability applications where a failure cannot be tolerated. These industry-recognized 3, 6, and 12 Amp rated rectifiers (TL =70ºC) in different package sizes for working peak reverse voltages from 50 to 150 volts are hermetically sealed with voidless-glass construction using an internal “Category I” metallurgical bond. These devices are also available in surface mount MELF package configurations by adding a “US” suffix (see separate data sheet for 1N6073US thru 1N6081US). Microsemi also offers numerous other rectifier products to meet higher and lower current ratings with various recovery time speed requirements including standard, fast and ultrafast device types in both through-hole and surface mount packages.

FEATURES
• Popular JEDEC registered 1N6073 to 1N6081 series
• Voidless hermetically sealed glass package
• Extremely robust construction
• Triple-layer passivation
• Internal “Category I” Metallurgical bonds
• JAN, JANTX, and JANTXV available for 1N6074 and 1N6075 per MIL-PRF-19500/503
• Further options for screening in accordance with MIL
   PRF-19500 for JAN, JANTX, JANTXV, or JANS by
   using a MQ, MX, MV or SP prefix respectively , e.g.
   MX6076, MV6079, SP6081, etc.
• Surface mount equivalents also available in a square end-cap MELF configuration with “US” suffix

APPLICATIONS / BENEFITS
• Ultrafast recovery rectifier series 50 to 150 V
• Military and other high-reliability applications
• Switching power supplies or other applications requiring extremely fast switching & low forward loss
• High forward surge current capability
• Low thermal resistance
• Controlled avalanche with peak reverse power capability
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - 1N6073US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6073 MICROSEMI-1N6073 Datasheet
70Kb / 2P
ULTRA FAST POWER RECTIFIERS
1N6073 MICROSEMI-1N6073 Datasheet
336Kb / 3P
VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
logo
Semtech Corporation
1N6073 SEMTECH-1N6073 Datasheet
175Kb / 4P
RECTIFIER, up to 150V, 1.8A, 30ns
logo
Microsemi Corporation
1N6073 MICROSEMI-1N6073 Datasheet
300Kb / 3P
VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
1N6073 NJSEMI-1N6073 Datasheet
103Kb / 1P
ULTRA FAST POWER RECTIFIERS
More results


Similar Description - 1N6073US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6073 MICROSEMI-1N6073_04 Datasheet
336Kb / 3P
VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
1N6626 MICROSEMI-1N6626_04 Datasheet
335Kb / 4P
VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626US MICROSEMI-1N6626US Datasheet
363Kb / 4P
VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
1N5415US MICROSEMI-1N5415US Datasheet
324Kb / 3P
VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
1N5186US MICROSEMI-1N5186US Datasheet
270Kb / 2P
VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
1N6626US MICROSEMI-1N6626US_09 Datasheet
262Kb / 4P
VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6073 MICROSEMI-1N6073_07 Datasheet
300Kb / 3P
VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
JANTXV1N6623 MICROSEMI-JANTXV1N6623 Datasheet
334Kb / 4P
VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
JANTX1N6624 MICROSEMI-JANTX1N6624 Datasheet
334Kb / 4P
VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
JANTX1N6075 MICROSEMI-JANTX1N6075 Datasheet
300Kb / 3P
VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com