Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1224 Datasheet (PDF) - Advanced Power Technology

SD1224 Datasheet PDF - Advanced Power Technology
Part # SD1224
Download  SD1224 Download
File Size   90.14 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS

SD1224 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD1224 Datasheet PDF - Advanced Power Technology

Part # SD1224
Download  SD1224 Click to download

File Size   90.14 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS

SD1224 Datasheet (HTML) - Advanced Power Technology


SD1224 Product details

DESCRIPTION:

The SD1224 is an epitaxial silicon NPN planar transistor designed primarily for 28 V FM Class C RF amplifiers utilized in ground station transmitters. This device utilizes ballasted emitter resistors and improved metallization systems to achieve optimum load mismatch capability.



Features

• 175 MHz

• 28 VOLTS

• CLASS C

• COMMON EMITTER

• EFFICIENCY 60% MIN.

• POUT = 40 W MIN.

• GP = 7.6 dB GAIN



 




Similar Part No. - SD1224

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD1224 MICROSEMI-SD1224 Datasheet
94Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
SD1224-02 ADPOW-SD1224-02 Datasheet
177Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF FM APPLICATIONS
logo
Microsemi Corporation
SD1224-02 MICROSEMI-SD1224-02 Datasheet
135Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF FM APPLICATIONS
logo
STMicroelectronics
SD1224-10 STMICROELECTRONICS-SD1224-10 Datasheet
47Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
More results


Similar Description - SD1224

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS2176 MICROSEMI-MS2176 Datasheet
187Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
MS2210 ADPOW-MS2210 Datasheet
98Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2203 ADPOW-MS2203 Datasheet
196Kb / 5P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1015MP ADPOW-MSC1015MP Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1450M ADPOW-MSC1450M Datasheet
115Kb / 4P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2205 ADPOW-MS2205 Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2393 ADPOW-MS2393 Datasheet
207Kb / 5P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
SD1019 ADPOW-SD1019 Datasheet
212Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF APPLICATIONS
logo
Microsemi Corporation
MSC1090M MICROSEMI-MSC1090M Datasheet
60Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
SD1019 MICROSEMI-SD1019_1 Datasheet
113Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF APPLICATIONS
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com