Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2210 Datasheet (PDF) - Advanced Power Technology

MS2210 Datasheet PDF - Advanced Power Technology
Part # MS2210
Download  MS2210 Download
File Size   98.9 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS

MS2210 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS2210 Datasheet PDF - Advanced Power Technology

Part # MS2210
Download  MS2210 Click to download

File Size   98.9 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS

MS2210 Datasheet (HTML) - Advanced Power Technology


MS2210 Product details

DESCRIPTION:
The MS2210 avionics power transistor is a broadband, high peak pulse power device specifically designed for avionics applications requiring broad bandwidth with moderate duty cycle and pulse width constraints such as ground/ship DME/TACAN. The MS2210 is also designed for specialized applications where reduced power is provided under pulse formats utilizing short pulse widths and high burst or overall duty cycles

Features
● 255 MHz BANDWIDTH
● GOLD METALLIZATION
● EMITTER SITE BALLASTED
● Pout = 300W MINIMUM
● Gp = 7.0 dB
● LOW THERMAL RESISTANCE
● INPUT/OUTPUT MATCHING
● 15:1 VSWR CAPABILITY




Similar Part No. - MS2210

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS2210 CIT-MS2210 Datasheet
125Kb / 1P
CIT SWITCH
logo
AMETHERM Circuit Protec...
MS2210008 AMETHERM-MS2210008 Datasheet
30Kb / 1P
Circuit Protection Thermistors
MS2210008-A AMETHERM-MS2210008-A Datasheet
30Kb / 1P
Circuit Protection Thermistors
MS2210008-B AMETHERM-MS2210008-B Datasheet
30Kb / 1P
Circuit Protection Thermistors
MS2210008 AMETHERM-MS2210008_14 Datasheet
29Kb / 2P
Erin Landis
More results


Similar Description - MS2210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
logo
Advanced Power Technolo...
MS2203 ADPOW-MS2203 Datasheet
196Kb / 5P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1015MP ADPOW-MSC1015MP Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1450M ADPOW-MSC1450M Datasheet
115Kb / 4P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2205 ADPOW-MS2205 Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2393 ADPOW-MS2393 Datasheet
207Kb / 5P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
Microsemi Corporation
MSC1090M MICROSEMI-MSC1090M Datasheet
60Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com