Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2210 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2210
Description  RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2210 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2210 Datasheet HTML 1Page - Advanced Power Technology MS2210 Datasheet HTML 2Page - Advanced Power Technology MS2210 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS2210.PDF 4-15-03
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS2210
ELECTRICAL SPECIFICATIONS (
ELECTRICAL SPECIFICATIONS (Tcase = 25
Tcase = 25°°C)
C)
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 50 mA
IE = 0 mA
65
----
----
V
BVEBO
IE = 15 mA
IC = 0 mA
3.0
----
----
V
BVCER
IC = 50 mA
RBE = 10
Ω
Ω
65
----
----
V
ICES
VCE = 50 V
----
----
30
mA
hFE
VCE = 5 V
IC = 5A
10
----
---
----
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 960 - 1215 MHz PIN = 60 W
VCC = 50 V
300
330
----
W
ηη
C
f = 960 - 1215 MHz PIN = 60 W
VCC = 50 V
38
45
----
%
GP
f = 960 - 1215 MHz PIN = 60 W
VCC = 50 V
7.0
7.4
----
dB
Note:
Pulse Format: 10
µµS
Duty Cycle: 10%
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
960 MHz
2.0 + j3.6
1.7 - j2.2
1090 MHz
3.5 + j1.7
2.0 - j1.7
1215 MHz
1.6 + j0.5
1.8 - j2.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com