Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2210 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2210
Description  RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2210 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2210 Datasheet HTML 1Page - Advanced Power Technology MS2210 Datasheet HTML 2Page - Advanced Power Technology MS2210 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS2210.PDF 4-15-03
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS2210
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
ABSOLUTE MAXIMUM
ABSOLUTE MAXIMUM RATINGS
RATINGS
(Tcase = 25
°°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation*
940
W
IC
Device Current*
24
A
VCC
Collector-Supply Voltage*
50
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
- 65 to + 200
°°C
Thermal Data
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance*
0.16
°°C/W
•
Applies only to rated RF operation.
Features
• 255 MHz BANDWIDTH
• GOLD METALLIZATION
• EMITTER SITE BALLASTED
• Pout = 300W MINIMUM
• Gp = 7.0 dB
• LOW THERMAL RESISTANCE
• INPUT/OUTPUT MATCHING
• 15:1 VSWR CAPABILITY
DESCRIPTION:
DESCRIPTION:
The MS2210 avionics power transistor is a broadband, high peak
pulse power device specifically designed for avionics applications
requiring broad bandwidth with moderate duty cycle and pulse width
constraints such as ground/ship DME/TACAN. The MS2210 is also
designed for specialized applications where reduced power is
provided under pulse formats utilizing short pulse widths and high
burst or overall duty cycles
This device is capable of withstanding 15:1 VSWR mismatch load
conditions at any phase angle under full rated conditions.


Similar Part No. - MS2210

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS2210 CIT-MS2210 Datasheet
125Kb / 1P
CIT SWITCH
logo
AMETHERM Circuit Protec...
MS2210008 AMETHERM-MS2210008 Datasheet
30Kb / 1P
Circuit Protection Thermistors
MS2210008-A AMETHERM-MS2210008-A Datasheet
30Kb / 1P
Circuit Protection Thermistors
MS2210008-B AMETHERM-MS2210008-B Datasheet
30Kb / 1P
Circuit Protection Thermistors
MS2210008 AMETHERM-MS2210008_14 Datasheet
29Kb / 2P
Erin Landis
More results

Similar Description - MS2210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
logo
Advanced Power Technolo...
MS2203 ADPOW-MS2203 Datasheet
196Kb / 5P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1015MP ADPOW-MSC1015MP Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1450M ADPOW-MSC1450M Datasheet
115Kb / 4P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2205 ADPOW-MS2205 Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2393 ADPOW-MS2393 Datasheet
207Kb / 5P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
Microsemi Corporation
MSC1090M MICROSEMI-MSC1090M Datasheet
60Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com