Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O-CS41 Datasheet (PDF) - Abracon Corporation

O-CS41 Datasheet PDF - Abracon Corporation
Part # O-CS41
Download  O-CS41 Download
File Size   621.94 Kbytes
Page   7 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Precision Ultra Low Phase Noise OCXO in 41x30mm SMD Package with OSC Disable and Oven Alarm features for Instrumentation

O-CS41 Datasheet (PDF)

Go To PDF Page Download Datasheet
O-CS41 Datasheet PDF - Abracon Corporation

Part # O-CS41
Download  O-CS41 Click to download

File Size   621.94 Kbytes
Page   7 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Precision Ultra Low Phase Noise OCXO in 41x30mm SMD Package with OSC Disable and Oven Alarm features for Instrumentation

O-CS41 Datasheet (HTML) - Abracon Corporation


O-CS41 Product details

Features
• SC-cut crystal
• High Stability
• Low Aging
• Ultra Low Phase Noise
Ultimate (U) -146 dBc/Hz at 10Hz
-172 dBc/Hz on the floor
Extraordinary (E) -88 dBc/Hz at 0.1 Hz
-119 dBc/Hz at 1 Hz
-148 dBc/Hz at 10 Hz
-168 dBc/Hz on the floor

Applications
• Instrumentation
• Radar
• Satellite Communications
• Reference
• COTS/Dual use




Similar Part No. - O-CS41

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
O-CS8 ABRACON-O-CS8 Datasheet
481Kb / 8P
Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
08/24/2023
O-CS8-AKS17EWL-L ABRACON-O-CS8-AKS17EWL-L Datasheet
481Kb / 8P
Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
08/24/2023
O-CS8-AKS17EWL-R ABRACON-O-CS8-AKS17EWL-R Datasheet
481Kb / 8P
Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
08/24/2023
O-CS8-AKS17EWP-L ABRACON-O-CS8-AKS17EWP-L Datasheet
481Kb / 8P
Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
08/24/2023
O-CS8-AKS17EWP-R ABRACON-O-CS8-AKS17EWP-R Datasheet
481Kb / 8P
Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
08/24/2023
More results


Similar Description - O-CS41

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AXIOM75ULN VISHAY-AXIOM75ULN Datasheet
233Kb / 3P
Ultra‐Low Phase Noise OCXO
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
Ultra-Low Noise OCXO in SMD package
2016-01-11
AXIOM1000 AXTAL-AXIOM1000 Datasheet
117Kb / 4P
UHF Ultra-Low Phase Noise OCXO in Connectorized Package
AXIOM5050 AXTAL-AXIOM5050 Datasheet
115Kb / 4P
VHF Ultra-Low Phase Noise OCXO in Connectorized Package
2014-07-09
AXIOM45ULN AXTAL-AXIOM45ULN Datasheet
120Kb / 4P
Ultra-Low Noise OCXO in Eurocase package
logo
Abracon Corporation
AOCJY7TQ ABRACON-AOCJY7TQ Datasheet
2Mb / 5P
Ultra-Low Phase Noise OCXO
07.21.15
logo
Advanced XTAL Products
AXIOM145ULN AXTAL-AXIOM145ULN_17 Datasheet
113Kb / 4P
Ultra-Low Noise OCXO in SMD package
AXIOM238 AXTAL-AXIOM238 Datasheet
252Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM275 AXTAL-AXIOM275 Datasheet
248Kb / 3P
Ultra-Low Phase Noise OCXO in Vibration-isolated Package
AXIOM450 AXTAL-AXIOM450 Datasheet
119Kb / 3P
VHF Ultra-Low Phase Noise OCXO in Eurocase Package
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com