Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O-CS41 Datasheet(PDF) 3 Page - Abracon Corporation

Part # O-CS41
Description  Precision Ultra Low Phase Noise OCXO in 41x30mm SMD Package with OSC Disable and Oven Alarm features for Instrumentation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

O-CS41 Datasheet(HTML) 3 Page - Abracon Corporation

  O-CS41 Datasheet HTML 1Page - Abracon Corporation O-CS41 Datasheet HTML 2Page - Abracon Corporation O-CS41 Datasheet HTML 3Page - Abracon Corporation O-CS41 Datasheet HTML 4Page - Abracon Corporation O-CS41 Datasheet HTML 5Page - Abracon Corporation O-CS41 Datasheet HTML 6Page - Abracon Corporation O-CS41 Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
O-CS41 Series
41 x 30 x 16 mm
Datasheet #2213A
Precision Ultra Low Phase Noise OCXO in 41x30mm SMD Package with
OSC Disable and Oven Alarm features for Instrumentation
Revision [B]: 12/19/2023
www.nelfc.com
Electrical (cont.)
Parameters
Symbol
Condition
Min
Typ
Max
Unit
Notes
Output Short
Circuit Current Vref
Io
20
mA
E grade
Pull range
from nominal F
±0.3
±0.5
±0.8
ppm
Absolute Pull Range
APR
Over all conditions
±0.05
ppm
Sufficient for lifetime, 15
years
Deviation slope
Monotonic, positive
0.15
0.25
ppm/V
Tuning Linearity
10%
Initial Calibration
∆
F/F
As shipped at 25°C,
Vc = 2.50 V
±0.1
ppm
L, P, and U grades
±0.03
E grade
Stability
Vc0
@25°C, Fnom.
2.5 ± 0.3
V
3*
Oven Ready
(N/A for E grade)
V pad #2
3.3
0.5
V
Ready
Not Ready
Oscillator Enable
CMOS Logic “1”
(5.0V>V>2.4) or
floating
Logic “0” (V<0.5V)
Enabled
Disabled
V
Oscillation stops 5*
Modulation Bandwidth
Fm
-3 dB at 1 KHz
DC
1
KHz
Environmental and Mechanical
Parameter
Description
Operating Temperature Range
-10°C to 75°C. Operable range -10°C to 80°C, meaning that stability from 75°C to 80°C of ±
5 ppb may not be met, otherwise OCXO will function. 0°C to 75°C for E grade
Mechanical Shock
Per MIL-STD-202, 30G, 11ms
Vibration
Per MIL-STD-202, 5G to 2000Hz
Soldering Conditions
See profile below. The device may be reflowed once. Reflowing upside down is not allowed.
Hand soldering is highly encouraged. NO CLEAN assembly is recommended



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com