Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2328 Datasheet (PDF) - Monolithic Power Systems

MP2328 Datasheet PDF - Monolithic Power Systems
Part # MP2328
Download  MP2328 Download
File Size   1045.23 Kbytes
Page   24 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, 28V, 2A, 450kHz, Synchronous Step-Down Converter In SOT583 Package

MP2328 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2328 Datasheet PDF - Monolithic Power Systems

Part # MP2328
Download  MP2328 Click to download

File Size   1045.23 Kbytes
Page   24 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency, 28V, 2A, 450kHz, Synchronous Step-Down Converter In SOT583 Package

MP2328 Datasheet (HTML) - Monolithic Power Systems


MP2328 Product details

DESCRIPTION
The MP2328 is a fully integrated, highfrequency, synchronous, rectified, step-down
switch-mode converter with internal power
MOSFETs. It offers a very compact solution to
achieve 2A of continuous output current across
a wide input range, with excellent load and line
regulation. The MP2328 has synchronous
mode operation for high efficiency across the
wide output current load range.
Constant-on-time (COT) control provides very
fast transient response and easy loop design,
as well as tight output regulation.
Full protection features include short-circuit
protection (SCP), over-current protection (OCP),
under-voltage protection (UVP), and thermal
shutdown.
The MP2328 requires a minimal number of
readily available, standard external components.
It is available in a space-saving SOT583
package.

FEATURES
 Wide 4.5V to 28V Operating Input Range
 Wide 0.5V to 16V VOUT
 ±1.5% Internal Reference Accuracy OverTemperature
 130mΩ/60mΩ Low RDS(ON) Internal Power
MOSFETs
 160µA Quiescent Current
 >92% Efficiency for 24V to 5V/2A Condition
 Power Save Mode at Light Load
 Fast Load Transient Response
 450kHz Switching Frequency
 tON Extension to Improve Dropout
 Configurable Soft-Start Time
 Power Good Indication
 Over-Current Protection with Hiccup Mode
 Thermal Shutdown Protection
 Available in an SOT583 Package

APPLICATIONS
 Game Consoles
 Multi-Function Printers
 Power Meters
 Flat Panel Televisions and Monitors
 General-Purpose Power Supplies




Similar Part No. - MP2328

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2321 MPS-MP2321 Datasheet
4Mb / 24P
19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
MP2321 MPS-MP2321 Datasheet
1Mb / 24P
19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
5/24/2019 Rev. 1.1
MP2321GD MPS-MP2321GD Datasheet
4Mb / 24P
19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
MP2321GD MPS-MP2321GD Datasheet
1Mb / 24P
19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
5/24/2019 Rev. 1.1
MP2321GD-P MPS-MP2321GD-P Datasheet
1Mb / 24P
19V, 2A, 40μA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
5/24/2019 Rev. 1.1
More results


Similar Description - MP2328

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5269 AME-AME5269 Datasheet
346Kb / 18P
2A, 28V, 340KHz Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP4420 MPS-MP4420 Datasheet
748Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter
MP4420A MPS-MP4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter
MP4420H MPS-MP4420H Datasheet
768Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1483 ETA-ETA1483 Datasheet
238Kb / 1P
2A, 18V High Efficiency Synchronous Step-Down Converter
ETA1652 ETA-ETA1652 Datasheet
205Kb / 1P
18V, 2A High Efficiency Synchronous Step-Down Converter in SOT563
ETA8120 ETA-ETA8120 Datasheet
199Kb / 1P
18V, 2A, High Efficiency Synchronous Step-Down Converter in SOT23-6
logo
Monolithic Power System...
MP2338 MPS-MP2338 Datasheet
1Mb / 25P
High-Efficiency, 28V, 3A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
Rev. 1.0 12.11.2020
logo
Unisonic Technologies
UD052012 UTC-UD052012 Datasheet
240Kb / 9P
HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com