Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6614 Datasheet (PDF) - Monolithic Power Systems

MP6614 Datasheet PDF - Monolithic Power Systems
Part # MP6614
Download  MP6614 Download
File Size   486.34 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 35V, H-Bridge DC Motor Driver with SOIC-8 Package

MP6614 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6614 Datasheet PDF - Monolithic Power Systems

Part # MP6614
Download  MP6614 Click to download

File Size   486.34 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 35V, H-Bridge DC Motor Driver with SOIC-8 Package

MP6614 Datasheet (HTML) - Monolithic Power Systems


MP6614 Product details

DESCRIPTION
The MP6614 is an H-bridge motor driver
designed to drive reversible motors. The device
can drive one DC motor, one winding of a
stepper motor, or other loads. The H-bridge
integrates four N-channel power MOSFETs,
and an internal charge pump generates the
required gate driver voltages.
The MP6614 operates across a 5V to 35V input
supply (VIN) range. It can deliver up to 2A of
continuous current (IOUT), depending on the
thermal and PCB layout.
The MP6614 provides a pulse-width modulation
(PWM) input interface that is compatible with
industry-standard devices. A brake is applied to
stop the motor, and a very low standby circuit
current can be achieved when the device is
disabled.
An internal current-sense circuit provides an
output voltage (VISEN) that is proportional to the
load current (IOUT). In addition, cycle-by-cycle
current regulation and limiting are provided.
These features do not require a low-ohmic
shunt resistor.
Internal protection features include over-current
protection (OCP), short-circuit protection (SCP),
under-voltage lockout (UVLO), and overtemperature protection (OTP).
The MP6614 requires a minimal number of
readily available, standard external
components. The MP6614 is available in a
SOIC-8EP package.

FEATURES
• Wide 5V to 35V Operating Input Voltage
(VIN) Range
• Internal Full H-Bridge Driver Supports 100%
Duty Cycle
• 2A Continuous Output Current (IOUT)
• Low On Resistance (RDS(ON)) per MOSFET:
o 280mΩ High-Side MOSFET (HS-FET)
o 220mΩ Low-Side MOSFET (LS-FET)
• Simple, Versatile Logic Interfaces
• 3.3V and 5V Compatible Logic Supply
• Cycle-by-Cycle Current Regulation and
Limiting
• Low Standby Circuit Current
• Over-Current Protection (OCP)
• Thermal Shutdown
• Under-Voltage Lockout (UVLO)
• Internal Charge Pump
• Available in a Thermally Enhanced,
Surface-Mounted SOIC-8EP Package

APPLICATIONS
• Solenoid Drivers
• Brushed DC Motor Drivers




Similar Part No. - MP6614

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
MP66125 SCHNEIDER-MP66125 Datasheet
146Kb / 2P
MP Meter Pak, main lugs, six ringed sockets, no bypass, 4 jaws, OH, UG, 600 A bus, 125 A, 240 VAC single phase 3W
logo
Monolithic Power System...
MP6619 MPS-MP6619 Datasheet
1Mb / 14P
5.4V to 28V, 5A,H-Bridge Motor Driver
Rev. 1.0 1/21/2021
MP6619GQ MPS-MP6619GQ Datasheet
1Mb / 14P
5.4V to 28V, 5A,H-Bridge Motor Driver
Rev. 1.0 1/21/2021
MP6619GQ-Z MPS-MP6619GQ-Z Datasheet
1Mb / 14P
5.4V to 28V, 5A,H-Bridge Motor Driver
Rev. 1.0 1/21/2021
MP6619LGQ MPS-MP6619LGQ Datasheet
534Kb / 7P
2.5V to 28V, 5A, H-Bridge Motor Driver Evaluation Board
6/29/2022 Rev. 1.0
More results


Similar Description - MP6614

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6221F ROHM-BD6221F Datasheet
266Kb / 5P
H-bridge driver for DC brush motor
BD6212FP ROHM-BD6212FP Datasheet
238Kb / 3P
H-bridge driver for DC brush motor
BD6221HFP ROHM-BD6221HFP Datasheet
268Kb / 5P
H-bridge driver for DC brush motor
BD6230F ROHM-BD6230F Datasheet
236Kb / 3P
H-bridge driver for DC brush motor
BD6231HFP ROHM-BD6231HFP Datasheet
240Kb / 3P
H-bridge driver for DC brush motor
logo
New Japan Radio
NJW4810 NJRC-NJW4810 Datasheet
143Kb / 1P
35V / 1A H-Bridge Driver
logo
Asahi Kasei Microsystem...
AP1029ADN AKM-AP1029ADN Datasheet
802Kb / 19P
32V H-Bridge DC Motor Driver IC
logo
Monolithic Power System...
EV6515-F-00A MPS-EV6515-F-00A Datasheet
508Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
EV6516-F-00A MPS-EV6516-F-00A Datasheet
497Kb / 5P
2A, 35V, H-Bridge Motor Driver Evaluation Board
MP6522 MPS-MP6522 Datasheet
504Kb / 11P
35V, 3.2A, H-Bridge Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com