Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4436A Datasheet (PDF) - Monolithic Power Systems

MPQ4436A Datasheet PDF - Monolithic Power Systems
Part # MPQ4436A
Download  MPQ4436A Download
File Size   1720.28 Kbytes
Page   38 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 45V, 6A, Low IQ, Synchronous Step-Down Converter, AEC-Q100 Qualified

MPQ4436A Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ4436A Datasheet PDF - Monolithic Power Systems

Part # MPQ4436A
Download  MPQ4436A Click to download

File Size   1720.28 Kbytes
Page   38 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 45V, 6A, Low IQ, Synchronous Step-Down Converter, AEC-Q100 Qualified

MPQ4436A Datasheet (HTML) - Monolithic Power Systems


MPQ4436A Product details

DESCRIPTION
The MPQ4436/4436A is a frequency
programmable, synchronous, step-down
switching regulator with integrated internal highside and low-side power MOSFETs. It provides
6A (or less) of highly efficient output, with current
mode control for fast loop response.
The wide 3.3V to 45V input range
accommodates a variety of step-down
applications in an automotive input environment.
A 1.7μA shutdown mode quiescent current
allows the part to be used in battery-powered
applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency in light-load conditions to
reduce the switching and gate driving losses.
An open-drain power good signal indicates that
the output is within 93% to 106% of its nominal
voltage.
Frequency foldback helps prevent inductor
current runaway during start-up. Thermal
shutdown provides reliable, fault-tolerant
operation.
High-duty cycle and low dropout mode are
provided for the automotive cold crank condition.
The MPQ4436/4436A is available in a QFN-20
(4mmx4mm) package.

FEATURES
• Wide 3.3V to 45V Operating Voltage Range
• 6A Continuous Output Current
• 1.7μA Low Shutdown Supply Current
• 18μA Sleep Mode Quiescent Current
• Internal 48mΩ High-Side and 20mΩ LowSide MOSFET
• 350kHz to 1000kHz Programmable
Switching Frequency for Car Battery
Applications
• Synchronize to External Clock
• Multi-Phase Capability
• Out-of-Phase Synchronized Clock Output
• Frequency Spread Spectrum (FSS) Option
for Low EMI
MPQ4436: Non-FSS version
MPQ4436A: FSS version
• Symmetric VIN for Low EMI
• Power Good Output
• External Soft Start
• 100ns Minimum On Time
• Selectable Advanced Asynchronous Mode
(AAM) or Forced Continuous Conduction
Mode (FCCM)
• Low Dropout Mode
• Hiccup Over-Current Protection
• Available in a QFN-20 (4mmx4mm)
Package
• Available in a Wettable Flank Package
• Available in AEC-Q100 Grade-1

APPLICATIONS
• Automotive Infotainment
• Automotive Clusters
• Advanced Driver Assistance Systems
• Industrial Power Systems




Similar Part No. - MPQ4436A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4436 MPS-MPQ4436 Datasheet
1Mb / 38P
45V, 6A, Low IQ, Synchronous Step-Down Converter, AEC-Q100 Qualified
Rev. 1.2 11/8/2021
More results


Similar Description - MPQ4436A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4569-AEC1 MPS-MPQ4569-AEC1 Datasheet
1Mb / 17P
75V, 0.3A Synchronous Step-Down Converter AEC-Q100 Qualified
logo
MPS Industries, Inc.
MPQ4480 MPSIND-MPQ4480 Datasheet
637Kb / 22P
6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
Rev. 1.0 7/2/2019
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com