Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCF45UB Datasheet (PDF) - Abracon Corporation

ASCF45UB Datasheet PDF - Abracon Corporation
Part # ASCF45UB
Download  ASCF45UB Download
File Size   134.83 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SURFACE MOUNT CRYSTAL FILTER

ASCF45UB Datasheet (PDF)

Go To PDF Page Download Datasheet
ASCF45UB Datasheet PDF - Abracon Corporation

Part # ASCF45UB
Download  ASCF45UB Click to download

File Size   134.83 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description SURFACE MOUNT CRYSTAL FILTER

ASCF45UB Datasheet (HTML) - Abracon Corporation


ASCF45UB Product details

• Excellent attenuation bandwidth
• Reflow capable
• Low height (1.0mm max.)
FEATURES:
• Surface-mount ceramic package

APPLICATIONS:
• Mobile communication system
• Pagers
• Cellular and cordless phones
• Radios




Similar Part No. - ASCF45UB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASCF45U ABRACON-ASCF45U Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
ASCF45U12 ABRACON-ASCF45U12 Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
ASCF45U15 ABRACON-ASCF45U15 Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
ASCF45U30 ABRACON-ASCF45U30 Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
ASCF45U8 ABRACON-ASCF45U8 Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
More results


Similar Description - ASCF45UB

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
F10 RALTRON-F10 Datasheet
27Kb / 1P
SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
F13 RALTRON-F13 Datasheet
30Kb / 1P
SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
logo
MTRONPTI
M1254 MTRONPTI-M1254_07 Datasheet
267Kb / 2P
Surface Mount Crystal
logo
Abracon Corporation
ASCF21UB ABRACON-ASCF21UB Datasheet
146Kb / 1P
SURFACE MOUNT CRYSTAL FILTER
logo
List of Unclassifed Man...
HCX-7S ETC2-HCX-7S Datasheet
259Kb / 1P
SURFACE MOUNT CRYSTAL
logo
Vishay Siliconix
XT36C VISHAY-XT36C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
XT46C VISHAY-XT46C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
logo
List of Unclassifed Man...
HCX-5SA ETC1-HCX-5SA Datasheet
470Kb / 2P
Surface Mount Crystal
logo
Raltron Electronics Cor...
R1612 RALTRON-R1612 Datasheet
353Kb / 3P
SURFACE MOUNT CRYSTAL
R2016 RALTRON-R2016 Datasheet
343Kb / 3P
SURFACE MOUNT CRYSTAL
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com