Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCF45UB Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASCF45UB
Description  SURFACE MOUNT CRYSTAL FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASCF45UB Datasheet(HTML) 1 Page - Abracon Corporation

  ASCF45UB Datasheet HTML 1Page - Abracon Corporation ASCF45UB Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ASCF45UB
SURFACE MOUNT CRYSTAL FILTER
ELECTRICAL SPECIFICATIONS:
6.0 x 3.5 x 1.0 mm
APPLICATIONS:
• Excellent attenuation bandwidth
• Reflow capable
• Low height (1.0mm max.)
FEATURES:
• Surface-mount ceramic package
Operating Temperature
PARAMETERS
Frequency
45.000 MHz
ABRACON P/N
ASCF45UB Series
-20°C to + 70°C
REVISED: 4.10.07
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
• Mobile communication system
• Pagers
• Cellular and cordless phones
• Radios
dB
KHz
dB
KHz
45UB7A
2
3
± 3.75
10
± 12.5
1.0
2.5
45UB15A
2
3
± 7.5
15
± 25.0
1.0
2.0
45UB20A
2
3
± 10.0
15
± 34.0
1.0
2.0
45UB30A
2
3
± 15.0
15
± 50.0
1.0
2.0
dB
KHz
45UB7A
65
-910±10
45UB15A
40
-910±10
45UB20A
40
-910±10
45UB30A
35
-910±10
Attenuation Guaranteed
Terminal Impedance
( //pF)
1
ASCF45UB
-
Part Number
e.g. ASCF45UB7A
- Please refer to the table
above.
Packaging
Tape and
Reel
1,000pcs
T
Pass Band
Attenuation Band
300//10.0
1
1
700//2.5
Loss (dB)
Series No.
Case Quantity
800//1.5
1
Series No.
Pole
Ripple
(dB)
650//4.5
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)


Similar Part No. - ASCF45UB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASCF45U ABRACON-ASCF45U Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
ASCF45U12 ABRACON-ASCF45U12 Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
ASCF45U15 ABRACON-ASCF45U15 Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
ASCF45U30 ABRACON-ASCF45U30 Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
ASCF45U8 ABRACON-ASCF45U8 Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
More results

Similar Description - ASCF45UB

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
F10 RALTRON-F10 Datasheet
27Kb / 1P
SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
F13 RALTRON-F13 Datasheet
30Kb / 1P
SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
logo
MTRONPTI
M1254 MTRONPTI-M1254_07 Datasheet
267Kb / 2P
Surface Mount Crystal
logo
Abracon Corporation
ASCF21UB ABRACON-ASCF21UB Datasheet
146Kb / 1P
SURFACE MOUNT CRYSTAL FILTER
logo
List of Unclassifed Man...
HCX-7S ETC2-HCX-7S Datasheet
259Kb / 1P
SURFACE MOUNT CRYSTAL
logo
Vishay Siliconix
XT36C VISHAY-XT36C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
XT46C VISHAY-XT46C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
logo
List of Unclassifed Man...
HCX-5SA ETC1-HCX-5SA Datasheet
470Kb / 2P
Surface Mount Crystal
logo
Raltron Electronics Cor...
R1612 RALTRON-R1612 Datasheet
353Kb / 3P
SURFACE MOUNT CRYSTAL
R2016 RALTRON-R2016 Datasheet
343Kb / 3P
SURFACE MOUNT CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com