Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEP Datasheet (PDF) - Abracon Corporation

ASEP Datasheet PDF - Abracon Corporation
Part # ASEP
Download  ASEP Download
File Size   367.5 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description HCMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR

ASEP Datasheet (PDF)

Go To PDF Page Download Datasheet
ASEP Datasheet PDF - Abracon Corporation

Part # ASEP
Download  ASEP Click to download

File Size   367.5 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description HCMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR

ASEP Datasheet (HTML) - Abracon Corporation


ASEP Product details

CMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR

FEATURES:
• Wide frequency range from 1MHz up to 125MHz
• Miniature size for high density applications
• -40 + 85C industrial operating temperature available

APPLICATIONS:
• Precision clock frequency for a wide range of emerging technology applications.




Similar Part No. - ASEP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEP ABRACON-ASEP Datasheet
777Kb / 2P
CMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.25.08
ASEP ABRACON-ASEP_08 Datasheet
777Kb / 2P
CMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.25.08
More results


Similar Description - ASEP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HO-12 ETC1-HO-12 Datasheet
302Kb / 1P
HCMOS/TTL CRYSTAL OSCILLATOR
logo
Abracon Corporation
AP5S ABRACON-AP5S Datasheet
157Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
5.15.07
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
AP5S ABRACON-AP5S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
AP7S ABRACON-AP7S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
ASEP ABRACON-ASEP_08 Datasheet
777Kb / 2P
CMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.25.08
ASV ABRACON-ASV_08 Datasheet
202Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com