Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEP Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASEP
Description  HCMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEP Datasheet(HTML) 1 Page - Abracon Corporation

  ASEP Datasheet HTML 1Page - Abracon Corporation ASEP Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 X 2.5 X 1.05 mm
ABRACON P/N
|||||||||||||||
ASEP SERIES
ASEP Series
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
PARAMETERS
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
HCMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
3
3.3V±10%
5
5.0V±10%
Blank
T
J
± 20 ppm
R
± 25 ppm
K
± 30 ppm
H
± 35 ppm
D
-10°C to +60°C
Z
± 100 ppm
Blank
F
-30°C to +70°C
B
N
-30°C to +85°C
L
-40°C to +85°C
Supply Voltage
ASEP
- Frequency-
-
-
-
Stand-By
Packaging
Bulk
Tape and Reel
Output Enable
OE or Stand-By
Temp. Range
XX.XXXXMHz
Frequency
Frequency Stability
Over Operating Temp.
Unit
MHz
°C
°C
ppm
ASEP3
VDC
ASEP5
VDC
ASEP3
mA
ASEP5
mA
ASEP3
mA
ASEP5
mA
uA
CMOS
TTL
%
%
nSec
nSec
nSec
nSec
VOH
VOL
VOH
VOL
VIH
VIL
VIH
VIL
ms
ns
ns
ms
ppm
Input (OE) Voltage
ASEP3
(CMOS)
ASEP5
(CMOS and TTL)
Start-Up time
Output Disable Time
-
-
-
-
Aging (First Year)
Supply Voltage
(See options)
Supply Current
Disable Current
(See options)
Output Voltage
TTL (1.4V)
Output Load
Rise Time
Fall Time
CMOS (20%Vdd<=>80%Vdd)
TTL(0.4V<=>2.4V)
5
4
-
-
0
3
-
-
-
-
--
-
-
-
-
5
.
5
0
.
5
5
.
4
.
n
i
m
V
0
.
2
-
-
-
-
4
0.7*Vdd min.
-
-
.
x
a
m
d
d
V
*
2
.
0
-
-
-
-
.
x
a
m
V
8
.
0
10
--
0.9*Vdd min.
-
-
-
-
.
x
a
m
d
d
V
*
4
.
0
--
CMOS
--
0.9*Vdd min.
-
-
-
-
--
CMOS (20%Vdd<=>80%Vdd)
TTL (0.4V<=>2.4V)
Symmetry
CMOS (1/2Vdd)
100
5
-
-
5
-
100
0
1
-
-
-
-
TTL
-20
15pF (ASEP3 and ASEP5)
4
--
4
-
---
3
6
.
3
7
9
.
2
50
--
--
--
3.3
--
15
5
2
-
-
-
-
Typical
Maximum
Operating Temp. Range * (See Options)
Characteristics
Minimum
Frequency Range
1
Freq. Stability
Over Operating Temp.* (See Options)
-50
Stand-by Current (See options)
--
125
Storage Temp. Range * (See Options)
5
2
1
-
-
5
5
-
--
70
--
0
5
0
4
-
-
-
-
Output Enable Time (OE)
-
-
-
-
Output Enable Time (ST)
--
--
5TTL max. (ASEP5 only)
4
-
-
0.1*Vdd max.
--
--
50
--
0
6
0
5
0
4
60
For Small
Quantities,
Delivery Time
is 1-5 days
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.09.07
Visit www.abracon.com for Terms & Conditions of Sale
• Precision clock frequency for a wide range of
emerging technology applications.
• Wide frequency range from 1MHz up to 125MHz
• Miniature size for high density applications
• -40 + 85C industrial operating temperature available


Similar Part No. - ASEP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEP ABRACON-ASEP Datasheet
777Kb / 2P
CMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.25.08
ASEP ABRACON-ASEP_08 Datasheet
777Kb / 2P
CMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.25.08
More results

Similar Description - ASEP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HO-12 ETC1-HO-12 Datasheet
302Kb / 1P
HCMOS/TTL CRYSTAL OSCILLATOR
logo
Abracon Corporation
AP5S ABRACON-AP5S Datasheet
157Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
5.15.07
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
AP5S ABRACON-AP5S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
AP7S ABRACON-AP7S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
ASEP ABRACON-ASEP_08 Datasheet
777Kb / 2P
CMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.25.08
ASV ABRACON-ASV_08 Datasheet
202Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com