Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASML Datasheet (PDF) - Abracon Corporation

ASML Datasheet PDF - Abracon Corporation
Part # ASML
Download  ASML Download
File Size   508.15 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 3.3 Vdc HCMOS/TTL J-LEADED PLASTIC MOLDED SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS

ASML Datasheet (PDF)

Go To PDF Page Download Datasheet
ASML Datasheet PDF - Abracon Corporation

Part # ASML
Download  ASML Click to download

File Size   508.15 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 3.3 Vdc HCMOS/TTL J-LEADED PLASTIC MOLDED SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS

ASML Datasheet (HTML) - Abracon Corporation


ASML Product details

FEATURES:
• Industry standard J-Leaded terminals.
• Plastic molded SMD, Reflow capable.
• Low current consumption.
• Tristate Enable /Disabl
• HCMOS output.
• 3.3Vdc operation.
• Extended temperature -40°C to +85°C option.

APPLICATIONS:
• Provide clock signals for microprocessors and digital circuits.
• Communication equipment, AV and OA equipment




Similar Part No. - ASML

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASML-5822 AVAGO-ASML-5822 Datasheet
448Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
logo
Broadcom Corporation.
ASML-5822 BOARDCOM-ASML-5822 Datasheet
448Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
logo
AVAGO TECHNOLOGIES LIMI...
ASML-5822 AVAGO-ASML-5822_15 Datasheet
448Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
ASML-5829 AVAGO-ASML-5829 Datasheet
446Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
logo
Broadcom Corporation.
ASML-5829 BOARDCOM-ASML-5829 Datasheet
446Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
More results


Similar Description - ASML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1800 ETC1-S1800 Datasheet
114Kb / 2P
Crystal Clock Oscillator 3.3 & 5V, HCMOS, TTL, SMD
logo
Abracon Corporation
ASG ABRACON-ASG Datasheet
547Kb / 1P
HCMOS/ TTL COMPATIBLE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
AP5S ABRACON-AP5S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
AP7S ABRACON-AP7S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
logo
Connor-Winfield Corpora...
MSD61A4 CONNOR-WINFIELD-MSD61A4 Datasheet
149Kb / 2P
3.3V SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD534 CONNOR-WINFIELD-MSD534 Datasheet
149Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD614 CONNOR-WINFIELD-MSD614 Datasheet
153Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD624 CONNOR-WINFIELD-MSD624 Datasheet
153Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD634 CONNOR-WINFIELD-MSD634 Datasheet
153Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD644 CONNOR-WINFIELD-MSD644 Datasheet
149Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com