Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASML Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASML
Description  3.3 Vdc HCMOS/TTL J-LEADED PLASTIC MOLDED SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASML Datasheet(HTML) 1 Page - Abracon Corporation

  ASML Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.3 Vdc • HCMOS/TTL • J -LEADED • PLASTIC MOLDED • SURFACE MOUNT
CRYSTAL CLOCK OSCILLATORS
ASML
Dimensions: Inches (mm)
APPLICATIONS:
• Provide clock signals for microprocessors and digital circuits.
• Communication equipment, AV and OA equipment
FEATURES:
• Industry standard J-Leaded terminals.
• Plastic molded SMD, Reflow capable.
• Low current consumption.
• Tristate Enable / Disable.
• HCMOS output.
• 3.3Vdc operation.
• Extended temperature -40°C to +85°C option.
Frequency Range
3.5 MHz - 25 MHz
Operation Mode
Fundamental, AT
Operating Temperature
-10°C to + 60° C (See Options)
Storage Temperature
-55°C to + 125° C
Frequency Tolerance @ 25°C
±50 ppm max. (See Options)
Frequency Stability over Temp.
±50 ppm max. (See Options)
Equivalent Series Resistance
200 W for 3.5 MHz < F < 4.0 MHz
(ESR) Maximum
150 W for 4.0 MHz < F < 6.0 MHz
100 W for 6.0 MHz < F < 10.0 MHz
80 W for 10 MHz < F < 14.0 MHz
50 W for 14 MHz < F <_ 25 MHz
Shunt Capacitance C0
7 pF max.
Load Capacitance CL
16pF (See Option)
Drive Level
100µW max.
Aging @ 25° C First Year
± 5 ppm max.
Insulation Resistance
500 MW min. at 100 Vdc ± 15V
PARAMETERS
SPECIFICATIONS
STANDARD SPECIFICATIONS
Frequency Range
(Fo)
1MHz - 160MHz
Operating Temperature (TOPR)
0°C to +70°C (See Options)
Storage Temperature
(TSTO)
- 40°C to +85°C
Frequency Stability
(DF/ Fo)
±100ppm max. (See Options)
Supply Voltage
(Vdd)
3.3Vdc ±10%
Input Current
(Idd) 10mA max. (F < 20MHz) ; 25mA max. (F < 70MHz)
60mA max. (F < 160MHz)
Duty Cycle or Symmetry
40 / 60% max. (See Options)
Rise and Fall Times (TR / TF)
6ns max.
Output Load
2TTL, 15pF max.
Output Voltage
(VOH)
0.9 *Vdd min.
(VOL)
0.4Vdc max.
Start-up Time
(TOSC)
10ms max.
Tristate Function
(VIH )
(VIL )
Aging
±5ppm/ Year max.
ASML - Frequency - Temperature - Frequency Stability - Duty Cycle - Packaging
XX.XXXXX MHz
-R for ± 25ppm max
-K for ± 30ppm max
-C for ± 50ppm max
-S for 45 /55% @ 1
/2Vdd
-T
(Tape & Reel)
-D for -10°C to + 60°C
-E for -20°C to + 70°C
-F for -30°C to + 70°C
-N for -30°C to + 85°C
-L for -40°C to + 85°C
ORDERING OPTIONS
PIN
FUNCTION
N0.
1
Tristate Enable
2
GND / Case
3
Output
4
Vdd
“1” or Open: Oscillation
>_ 2.2V
“0”: (HiZ)
< 0.6V
Output disabled in high impedance
* Pin 1 has internal pull-up resistor which allows Pin 1 to be left floating (enable high)
Test circuit, waveform, please see appendix B.
Environmental and mechanical specifications, see appendix C. Group 2.
Marking, see appendix G. Tape and Reel, see appendix H.(1,000 pcs./reel).
A bypass capacitor 0.01 µF is required from Vdd to Gnd.
Application notes, see appendix A. Reflow profile, see appendix E.
14.0 x 8.95 x 4.7 mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON
®
C O R P O R A T I O N
48


Similar Part No. - ASML

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASML-5822 AVAGO-ASML-5822 Datasheet
448Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
logo
Broadcom Corporation.
ASML-5822 BOARDCOM-ASML-5822 Datasheet
448Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
logo
AVAGO TECHNOLOGIES LIMI...
ASML-5822 AVAGO-ASML-5822_15 Datasheet
448Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
ASML-5829 AVAGO-ASML-5829 Datasheet
446Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
logo
Broadcom Corporation.
ASML-5829 BOARDCOM-ASML-5829 Datasheet
446Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
More results

Similar Description - ASML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1800 ETC1-S1800 Datasheet
114Kb / 2P
Crystal Clock Oscillator 3.3 & 5V, HCMOS, TTL, SMD
logo
Abracon Corporation
ASG ABRACON-ASG Datasheet
547Kb / 1P
HCMOS/ TTL COMPATIBLE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
AP5S ABRACON-AP5S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
AP7S ABRACON-AP7S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
logo
Connor-Winfield Corpora...
MSD61A4 CONNOR-WINFIELD-MSD61A4 Datasheet
149Kb / 2P
3.3V SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD534 CONNOR-WINFIELD-MSD534 Datasheet
149Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD614 CONNOR-WINFIELD-MSD614 Datasheet
153Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD624 CONNOR-WINFIELD-MSD624 Datasheet
153Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD634 CONNOR-WINFIELD-MSD634 Datasheet
153Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD644 CONNOR-WINFIELD-MSD644 Datasheet
149Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com