Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRE6203 Datasheet (PDF) - CRE Semiconductor Inc.

CRE6203 Datasheet PDF - CRE Semiconductor Inc.
Part # CRE6203
Download  CRE6203 Download
File Size   702.62 Kbytes
Page   8 Pages
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.
Description PWM Controller of High-performance Current Mode

CRE6203 Datasheet (PDF)

Go To PDF Page Download Datasheet
CRE6203 Datasheet PDF - CRE Semiconductor Inc.

Part # CRE6203
Download  CRE6203 Click to download

File Size   702.62 Kbytes
Page   8 Pages
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.
Description PWM Controller of High-performance Current Mode

CRE6203 Datasheet (HTML) - CRE Semiconductor Inc.


CRE6203 Product details

GENERAL DESCRIPTION
PWM controller of high-performance current mode is
specially designed for AC/DC transformer with high
performance and price ratio, which supplies continuous
output power of 12W within the range of wide-voltage
between 85V and 265V, the output power of peak value
can be up to 15W. The combination of optimized
reasonable circuit design and bipolar facture technology
with high performance and price ratio economizes the
whole cost ultimately. The power controller can be applied
to the typical fly-back circuit topology so as to form a
simple AC/DC transformer. When the output power is
lower, IC will reduce the working frequency automatically,
therefore, the standby power consumption becomes
extremely low. When the power tube is closed, the interior
circuit will bias it reversely, utilize the characteristic of high
pressure resistance CB of bipolar transistor directly, and
improve its pressure resistance capacity to the high
voltage of 800V, which ensures the security of the power
tube. .
Meanwhile, the perfect function of overload and
saturation prevention is provided inside of IC, which can
keep away some abnormal status, such as overload,
saturation of transformer, and output short circuit, so as to
improve the reliability of the power supply. The current
limit and clock frequency can be set up by exterior
components. .
Now the standard encapsulation and the environmental
protection leadless encapsulation that meets European
standard of DIP8 are supplied .

FEATURES
Set-in high-voltage power switch tube of 800V and few
peripheral components. .
With the modulation of lock pulse width, the testing is
according to the pulse limit current. .
With the function of output frequency reduction, the nonoutput power consumption can be less than 0.3W.
Inner-built ramp and anti-feedback compensation
function. .
The independent upper-limit current testing controller
deals with over-current and over-load of the controller realtimely. .
The period emission pole is turned off and it outputs by
deflected voltage, and the pressure resistance of the power
tube is improved. .
Set-in current limit resistance with temperature.
compensation, which makes the current limit precise.
Set-in heat protection circuit. .
Startup is accomplished with the magnification function
of the switch power tube, and the power consumption of
startup resistance is reduced more than10 times.
Few peripheral components. .
Low startup and operating current. .
VCC over-voltage automatic limit. .
Continuous wide-voltage output power reaches 12W,
and the output power of peak value arrives at 15W.
Compatible with THX203/RM6203 .

APPLICATIONS
Adaptor (for example, travel charger, out
power station) .
Open Frame (such as electromagnetic oven,
microwave oven and etc.)




Similar Part No. - CRE6203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CRE62269 ETC2-CRE62269 Datasheet
272Kb / 10P
Green-Power Current Mode PWM Power Switch
More results


Similar Description - CRE6203

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
logo
List of Unclassifed Man...
THX202H ETC-THX202H Datasheet
559Kb / 21P
PWM Controller of High-performance Current Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com