Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPY0030A Datasheet (PDF) - Generalplus Technology Inc.

GPY0030A Datasheet PDF - Generalplus Technology Inc.
Part # GPY0030A
Download  GPY0030A Download
File Size   269.27 Kbytes
Page   12 Pages
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.
Description Audio Driver

GPY0030A Datasheet (PDF)

Go To PDF Page Download Datasheet
GPY0030A Datasheet PDF - Generalplus Technology Inc.

Part # GPY0030A
Download  GPY0030A Click to download

File Size   269.27 Kbytes
Page   12 Pages
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.
Description Audio Driver

GPY0030A Datasheet (HTML) - Generalplus Technology Inc.


GPY0030A Product details

1. GENERAL DESCRIPTION
The GPY0030A is an audio driver whose gain can be adjusted by
external resistor. (Maximum gain is 20) Normally, it is applied
for GPC series, GPF series, GPL series and other
GENERALPLUS products. The GPY0030A is easily to be used
in various applications and products.

2. FEATURES
Wide operation range: 2.4V - 6.8V
Dual-end output mode
Low distortion: THD+N = 0.55% (Typ.)
(For VDD = 5.0V, Rl = 8.0Ω & Pout = 500mW)
High output power: POUT = 825mW
(For VDD = 5.0V, THD+N =10%, f =1.0KHz & RL = 8.0Ω)
Low standby current: 1.0µA




Similar Part No. - GPY0030A

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPY0030C GENERALPLUS-GPY0030C Datasheet
735Kb / 17P
Audiio Driiver
GPY0030C-C GENERALPLUS-GPY0030C-C Datasheet
735Kb / 17P
Audiio Driiver
GPY0030C-HD01x GENERALPLUS-GPY0030C-HD01x Datasheet
735Kb / 17P
Audiio Driiver
GPY0030C-HS01x GENERALPLUS-GPY0030C-HS01x Datasheet
735Kb / 17P
Audiio Driiver
GPY0030C-HS14x GENERALPLUS-GPY0030C-HS14x Datasheet
735Kb / 17P
Audiio Driiver
More results


Similar Description - GPY0030A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS20954S IRF-IRS20954S Datasheet
585Kb / 25P
Protected Digital Audio Driver
logo
Micro Analog systems
MAS9560 MAS-MAS9560 Datasheet
360Kb / 25P
Stereo Audio Driver DAC
logo
NTE Electronics
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
Integrated Circuit Audio Driver
logo
Sony Corporation
CXA3785R SONY-CXA3785R Datasheet
452Kb / 47P
Audio Driver for TV
logo
rfsolutions.ltd
SA1 RFSOLUTIONS-SA1 Datasheet
708Kb / 2P
Audio Power Driver
logo
International Rectifier
IRS20957SPBF IRF-IRS20957SPBF Datasheet
303Kb / 16P
Protected Digital Audio Driver
logo
Nuvoton Technology Corp...
NAU8220 NUVOTON-NAU8220 Datasheet
399Kb / 19P
2Vrms Audio Line Driver
logo
SHENZHEN FUMAN ELECTRON...
SC0030 FUMAN-SC0030 Datasheet
405Kb / 11P
Audio driver
logo
Infineon Technologies A...
IRS20957S INFINEON-IRS20957S Datasheet
463Kb / 18P
Protected Digital Audio Driver
Sept 19, 2016 Datasheet No-PD
IRS20965 INFINEON-IRS20965 Datasheet
647Kb / 16P
CLASS D AUDIO DRIVER
February 21, 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com