Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9560 Datasheet (PDF) - Micro Analog systems

MAS9560 Datasheet PDF - Micro Analog systems
Part # MAS9560
Download  MAS9560 Download
File Size   360.12 Kbytes
Page   25 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description Stereo Audio Driver DAC

MAS9560 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS9560 Datasheet PDF - Micro Analog systems

Part # MAS9560
Download  MAS9560 Click to download

File Size   360.12 Kbytes
Page   25 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description Stereo Audio Driver DAC

MAS9560 Datasheet (HTML) - Micro Analog systems


MAS9560 Product details

DESCRIPTION
The MAS9560 Stereo Audio DAC chip is specially intended to audio applications in portable devices. It has both analog and digital inputs for audio data thus enabling the mixing of signals. MAS9560 is equipped with integrated high performance LDO, which ensures high quality of output signal even in noisy power supply environment. MAS9560 has three audio outputs (for headphone, earpiece and loudspeaker) making it an ideal choice for space critical applications. Since current consumption is a critical factor in portable devices, MAS9560 has flexible power down control enabling the shutting down of the parts of the circuit that are not in use.

FEATURES
• 16-Bit Stereo Audio DAC
• Stereo Headphone Drivers (25 mW)
• Mono Earpiece Driver (100 mW)
• Mono Loudspeaker Driver (410 mW)
• -50 dB to 32 dB Analog Volume Control
• Mute for All Volume Controls
• Analog and Digital Signal Mixing
• Integrated LDO
• Flexible Power Down Control
• Audio Sample Rates from 8 kHz to 48 kHz
• I2C/SPI Compatible Serial Control Port
• I2S Digital Audio Interface
• Supply Voltage Range 2.7 V to 5.5 V
• Digital I/O Voltage Range 1.8 V to 5.5 V
• Package QFN 6x6 40ld
• Compatible with DAC3560C

APPLICATIONS
• Portable devices with sophisticated audio functions:
    • Cell Phones
    • PDAs
    • MP3 players with integrated AM/FM radio




Similar Part No. - MAS9560

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1BD08 MAS-MAS9011A1BD08 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1GB06 MAS-MAS9011A1GB06 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1TC05 MAS-MAS9011A1TC05 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9012 MAS-MAS9012 Datasheet
211Kb / 12P
Stepper Motor Driver IC
More results


Similar Description - MAS9560

ManufacturerPart #DatasheetDescription
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
Stereo Audio DAC
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
Stereo Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
Audio Stereo DAC
PCM2704C TI1-PCM2704C_15 Datasheet
1Mb / 47P
Stereo Audio DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com