Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9560 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9560
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9560 Datasheet HTML 1Page - Micro Analog systems MAS9560 Datasheet HTML 2Page - Micro Analog systems MAS9560 Datasheet HTML 3Page - Micro Analog systems MAS9560 Datasheet HTML 4Page - Micro Analog systems MAS9560 Datasheet HTML 5Page - Micro Analog systems MAS9560 Datasheet HTML 6Page - Micro Analog systems MAS9560 Datasheet HTML 7Page - Micro Analog systems MAS9560 Datasheet HTML 8Page - Micro Analog systems MAS9560 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1 (25)
DA9560.001
20 January, 2005
MAS9560
Stereo Audio Driver DAC
• 16-Bit Stereo Audio DAC
• Stereo Headphone Drivers
• Mono Earpiece Driver
• Mono Loudspeaker Driver
• Mixing of Analog and Digital
Audio Signals
• Integrated LDO
• Flexible Power Down Control
DESCRIPTION
The MAS9560 Stereo Audio DAC chip is specially
intended to audio applications in portable devices. It
has both analog and digital inputs for audio data thus
enabling the mixing of signals. MAS9560 is equipped
with integrated high performance LDO, which
ensures high quality of output signal even in noisy
power supply environment. MAS9560 has three
audio
outputs
(for
headphone,
earpiece
and
loudspeaker) making it an ideal choice for space
critical applications. Since current consumption is a
critical factor in portable devices, MAS9560 has
flexible power down control enabling the shutting
down of the parts of the circuit that are not in use.
FEATURES
APPLICATIONS
16-Bit Stereo Audio DAC
Stereo Headphone Drivers (25 mW)
Mono Earpiece Driver (100 mW)
Mono Loudspeaker Driver (410 mW)
-50 dB to 32 dB Analog Volume Control
Mute for All Volume Controls
Analog and Digital Signal Mixing
Integrated LDO
Flexible Power Down Control
Audio Sample Rates from 8 kHz to 48 kHz
I
2C/SPI Compatible Serial Control Port
I
2S Digital Audio Interface
Supply Voltage Range 2.7 V to 5.5 V
Digital I/O Voltage Range 1.8 V to 5.5 V
Package QFN 6x6 40ld
Compatible with DAC3560C
Portable devices with sophisticated audio
functions:
Cell Phones
PDAs
MP3 players with integrated AM/FM radio
This is preliminary information on a new
product under development. Micro Analog
Systems Oy reserves the right to make any
changes without notice.


Similar Part No. - MAS9560

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1BD08 MAS-MAS9011A1BD08 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1GB06 MAS-MAS9011A1GB06 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1TC05 MAS-MAS9011A1TC05 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9012 MAS-MAS9012 Datasheet
211Kb / 12P
Stepper Motor Driver IC
More results

Similar Description - MAS9560

ManufacturerPart #DatasheetDescription
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
Stereo Audio DAC
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
Stereo Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
Audio Stereo DAC
PCM2704C TI1-PCM2704C_15 Datasheet
1Mb / 47P
Stereo Audio DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com