Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9560 Datasheet(PDF) 14 Page - Micro Analog systems

Part # MAS9560
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560 Datasheet(HTML) 14 Page - Micro Analog systems

Back Button MAS9560 Datasheet HTML 10Page - Micro Analog systems MAS9560 Datasheet HTML 11Page - Micro Analog systems MAS9560 Datasheet HTML 12Page - Micro Analog systems MAS9560 Datasheet HTML 13Page - Micro Analog systems MAS9560 Datasheet HTML 14Page - Micro Analog systems MAS9560 Datasheet HTML 15Page - Micro Analog systems MAS9560 Datasheet HTML 16Page - Micro Analog systems MAS9560 Datasheet HTML 17Page - Micro Analog systems MAS9560 Datasheet HTML 18Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14 (25)
DA9560.001
20 January, 2005
HPL,
HPR,
(HPCM)
DAC to
Headphone
82
dB
EPP,
EPN
DAC to
Earpiece
76
dB
Dynamic Range,
Digital In to Analog
Out (unweighted)
LSP,
LSN
fSAMPLE =
48 kHz with 16-bit
data,
Bandwidth =
20 Hz… 20 kHz
DAC to
Loudspeaker
76
dB
HPL,
HPR,
(HPCM)
DAC to
Headphone
86
dB
EPP,
EPN
DAC to
Earpiece
82
dB
Dynamic Range,
Digital In to Analog
Out (A-weighted)
LSP,
LSN
fSAMPLE =
48 kHz with 16-bit
data,
Bandwidth =
20 Hz… 20 kHz
DAC to
Loudspeaker
82
dB
AIN,
AUXL,
AUXR,
HPL,
HPR,
HPCM
DAC off , Analog to HP
84
dB
AIN,
AUXL,
AUXR,
EPP,
EPN
DAC off, Analog to EP
92
dB
Dynamic Range,
Analog In to Analog
Out
(unweighted)
AIN,
AUXL,
AUXR,
LSP,
LSN
DAC off, Analog to LS
92
dB
AIN,
AUXL,
AUXR,
HPL,
HPR,
HPCM
DAC off, Analog to HP
86
dB
AIN,
AUXL,
AUXR,
EPP,
EPN
DAC off, Analog to EP
96
dB
Dynamic Range,
Analog In to Analog
Out
(A-weighted)
AIN,
AUXL,
AUXR,
LSP,
LSN
DAC off, Analog to LS
96
dB
VBAT = 2.7 V
-62
(-61)
VBAT = 3.6 V
-66
(-66)
Headphone
THD + Noise
HPL,
HPR,
(HPCM)
f = 50 Hz... 20 kHz,
RL = 32 Ω,
Pout = 15 mW
VBAT = 5.0 V
-68
(-68)
dB
Earpiece
EPP,
f = 150 Hz... 20 kHz,
VBAT = 2.7 V
-54
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com