Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9560 Datasheet(PDF) 20 Page - Micro Analog systems

Part # MAS9560
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560 Datasheet(HTML) 20 Page - Micro Analog systems

Back Button MAS9560 Datasheet HTML 16Page - Micro Analog systems MAS9560 Datasheet HTML 17Page - Micro Analog systems MAS9560 Datasheet HTML 18Page - Micro Analog systems MAS9560 Datasheet HTML 19Page - Micro Analog systems MAS9560 Datasheet HTML 20Page - Micro Analog systems MAS9560 Datasheet HTML 21Page - Micro Analog systems MAS9560 Datasheet HTML 22Page - Micro Analog systems MAS9560 Datasheet HTML 23Page - Micro Analog systems MAS9560 Datasheet HTML 24Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20 (25)
DA9560.001
20 January, 2005
PM
0x02[1:0]
R/W
00
Power Mode [1:0]
00 Zero Power Mode
01 Standby Mode
11 Operating Mode
10 Undefined (do not use)
I
2S Control Register
0x03
R/W
0x00
-
0x03[7:5]
-
-
Unused
POL
0x03[4]
R/W
0
Invert Word Strobe Input (WSI) polarity:
POL = 0 -> Left Channel @ WSI = 0
POL = 1 -> Right Channel @ WSI = 0
DEL
0x03[3]
R/W
0
Delayed Bit: 1 = Delay, 0 = no Delay
SR
0x03[2:0]
R/W
000
Sample Rate [2:0]
000, 110 or 111: sample rate defined by
WSI, DAC data not filtered.
SR[2:0] LP Filter –3dB frequency:
001
fCLI/128 * 0.65
010
fCLI/64 * 0.65
011
fCLI/32 * 0.65
100
fCLI/16 * 0.65
101 fCLI/8 * 0.65
fCLI refers to I2S clock (CLI pin) frequency.
The above mentioned SR[2:0] register bits
allow filtering the DAC output by setting the
filter frequency.
An example: DAC data is given in stereo
mode as 16 bit data. Sampling frequency
WSI = 8 kHz, and CLI frequency is 2*16*8
kHz (2 channels, 16 bit each, 8 kHz
sampling freq). Highest signal frequency is
4 kHz (according to Nyqvist theorem), and
thus low pass filtering can be set to 4 kHz.
Now SR[2:0] = 011, which sets –3 dB
frequency to 5.2 kHz (= 2*16*8 kHz /
32*0.65).
Left Headphone
Volume Register
0x04
R/W
0
-
0x04[7:5]
-
-
Unused
LHV[4:0] Left Headphone volume gain
LHV
0x04[4:0]
R/W
00000
00000
00001
...
11001...11111
Mute
-30 dB
in steps of 1.5 dB
6 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com