Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9560 Datasheet(PDF) 19 Page - Micro Analog systems

Part # MAS9560
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560 Datasheet(HTML) 19 Page - Micro Analog systems

Back Button MAS9560 Datasheet HTML 15Page - Micro Analog systems MAS9560 Datasheet HTML 16Page - Micro Analog systems MAS9560 Datasheet HTML 17Page - Micro Analog systems MAS9560 Datasheet HTML 18Page - Micro Analog systems MAS9560 Datasheet HTML 19Page - Micro Analog systems MAS9560 Datasheet HTML 20Page - Micro Analog systems MAS9560 Datasheet HTML 21Page - Micro Analog systems MAS9560 Datasheet HTML 22Page - Micro Analog systems MAS9560 Datasheet HTML 23Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19 (25)
DA9560.001
20 January, 2005
◆ Register Description
Name
Sub-
Address
Direction
Default
after
Reset
Function
Reset Register
0x00
Write
0x00
Reset
0xXX
Write
X
Writing to the register clears all internal
registers to their default reset values.
Register value cannot be read.
Block Control Register
0x01
R/W
0x00
Ignored, if Standby or Zero Power Mode
PDAC
0x01[7]
R/W
0
DAC power: 1 = on, 0 = off
PAIN
0x01[6]
R/W
0
AIN power: 1 = on, 0 = off
PAUX
0x01[5]
R/W
0
AUX power: 1 = on, 0 = off
PL
0x01[4]
R/W
0
Loudspeaker driver power: 1 = on, 0 = off
PE
0x01[3]
R/W
0
Earpiece driver power: 1 = on, 0 = off
PRH
0x01[2]
R/W
0
Right Headphone driver power:
1 = on, 0 = off
PLH
0x01[1]
R/W
0
Left Headphone driver power:
1 = on, 0 = off
PCH
0x01[0]
R/W
0
Common Headphone driver power:
1 = on, 0 = off
Mode Control Register
0x02
R/W
0x00
-
0x02[7:5]
-
-
Unused
BYPLDO
0x02[4]
R/W
0
Bypass LDO (in non-LDO mode only):
1 = on (bypass LDO with 100 ohm on-chip
resistor connected between VLDO and
VBAT)
0 = off (LDO not bypassed, so on-chip
resistor not connected between VLDO and
VBAT)
SNLDOM
0x02[3]
R/W
0
Select Non-LDO mode: 1 = on, 0 = off
LDO is always disabled at Zero Power
Mode
SMM
0x02[2]
R/W
0
Select Stereo/Mono mode:
1 = Mono, 0 = Stereo
In Mono Mode AUXL and AUXR are
combined together and only left channel
DAC signal is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com