Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9560 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9560
Description  Stereo Audio Driver DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9560 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS9560 Datasheet HTML 2Page - Micro Analog systems MAS9560 Datasheet HTML 3Page - Micro Analog systems MAS9560 Datasheet HTML 4Page - Micro Analog systems MAS9560 Datasheet HTML 5Page - Micro Analog systems MAS9560 Datasheet HTML 6Page - Micro Analog systems MAS9560 Datasheet HTML 7Page - Micro Analog systems MAS9560 Datasheet HTML 8Page - Micro Analog systems MAS9560 Datasheet HTML 9Page - Micro Analog systems MAS9560 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6 (25)
DA9560.001
20 January, 2005
ABSOLUTE MAXIMUM RATINGS
All voltages with respect to ground.
Parameter
Symbol
Pin Name
Min
Max
Unit
Supply Voltage
(VBAT and LSVDD are internally
connected together)
VBAT
VBAT, LSVDD
-0.3
6
V
Voltage Range for Other Pins
-0.3
VBAT + 0.3
V
ESD Rating (HBM)
2
kV
Junction Temperature
TJmax
+175
(limited)
°C
Storage Temperature
TS
-55
+150
°C
Power Dissipation (TA = +85°C)
(Exposed pad soldered to PCB)
1.2
W
Stresses beyond those listed may cause permanent damage to the device. The device may not operate under
these conditions, but it will not be destroyed.
RECOMMENDED OPERATING CONDITIONS
All voltages with respect to ground.
Parameter
Symbol
Pin
Name
Conditions
Min
Nom
Max
Unit
Operating Junction
Temperature
TJ
-40
+125
°C
Operating Ambient
Temperature
TA
-40
+85
°C
Master Supply Voltage
VBAT,
LSVDD
LDO mode,
VBAT and LSVDD
internally connected
3.0
3.6
5.5
V
Master Supply Voltage
VBAT,
LSVDD,
VLDO,
EPVDD,
HPVDD
Non-LDO mode,
VBAT and LSVDD
internally connected
2.7
3.6
5.5
V
VBAT
VBAT,
LSVDD
Internally connected
together
2.7
5.5
Analog Operating
Supply Voltage
VLDO,
HPVDD,
EPVDD
2.7
VBAT
V
Digital Interface
Voltage
IO_VDD
IOVDD
1.5
VBAT
V
Earpiece Supply
Voltage
EPVDD
2.7
VBAT
V
Headphone Supply
Voltage
HPVDD
2.7
VBAT
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com